Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFB50PA60CPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HFB50PA60CPBF
Description  HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFB50PA60CPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  HFB50PA60CPBF Datasheet HTML 1Page - Vishay Siliconix HFB50PA60CPBF Datasheet HTML 2Page - Vishay Siliconix HFB50PA60CPBF Datasheet HTML 3Page - Vishay Siliconix HFB50PA60CPBF Datasheet HTML 4Page - Vishay Siliconix HFB50PA60CPBF Datasheet HTML 5Page - Vishay Siliconix HFB50PA60CPBF Datasheet HTML 6Page - Vishay Siliconix HFB50PA60CPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94074
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 25-Jul-08
1
HEXFRED®
Ultrafast Soft Recovery Diode, 2 x 25 A
HFA50PA60CPbF
Vishay High Power Products
FEATURES
• Ultrafast recovery
• Ultrasoft recovery
• Very low IRRM
• Very low Qrr
• Specified at operating conditions
• Lead (Pb)-free
• Designed and qualified for industrial level
BENEFITS
• Reduced RFI and EMI
• Reduced power loss in diode and switching transistor
• Higher frequency operation
• Reduced snubbing
• Reduced parts count
DESCRIPTION
HFA50PA60C is a state of the art center tap ultrafast
recovery diode. Employing the latest in epitaxial construction
and advanced processing techniques it features a superb
combination of characteristics which result in performance
which is unsurpassed by any rectifier previously available.
With basic ratings of 600 V and 25 A per leg continuous
current, the HFA50PA60C is especially well suited for use as
the companion diode for IGBTs and MOSFETs. In addition to
ultrafast recovery time, the HEXFRED® product line features
extremely low values of peak recovery current (IRRM) and
does not exhibit any tendency to “snap-off” during the
tb portion of recovery. The HEXFRED features combine to
offer designers a rectifier with lower noise and significantly
lower switching losses in both the diode and the switching
transistor. These HEXFRED advantages can help to
significantly
reduce
snubbing,
component
count
and
heatsink sizes. The HEXFRED HFA50PA60C is ideally
suited for applications in power supplies and power
conversion systems (such as inverters), motor drives, and
many other similar applications where high speed, high
efficiency is needed.
PRODUCT SUMMARY
VR
600 V
VF at 25 A at 25 °C
1.7 V
IF(AV)
2 x 25 A
trr (typical)
23 ns
TJ (maximum)
150 °C
Qrr (typical)
112 nC
dI(rec)M/dt (typical) at 125 °C
160 A/µs
IRRM (typical)
4.5 A
TO-247AC
Base
common
cathode
Common
cathode
2
2
13
Anode
1
Anode
2
Available
Pb-free
RoHS*
COMPLIANT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Cathode to anode voltage
VR
600
V
Maximum continuous forward current
per leg
IF
TC = 100 °C
25
A
per device
50
Single pulse forward current
IFSM
225
Maximum repetitive forward current
IFRM
100
Maximum power dissipation
PD
TC = 25 °C
150
W
TC = 100 °C
60
Operating junction and storage temperature range
TJ, TStg
- 55 to + 150
°C
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - HFB50PA60CPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFB50PA60C IRF-HFB50PA60C Datasheet
165Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFB50PA60C VISHAY-HFB50PA60C Datasheet
207Kb / 7P
   HEXFRED® Ultrafast, Soft Recovery Diode, 2 x 25 A
Revision: 29-Jul-08
More results

Similar Description - HFB50PA60CPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA50PA60C VISHAY-HFA50PA60C Datasheet
207Kb / 7P
   HEXFRED® Ultrafast, Soft Recovery Diode, 2 x 25 A
Revision: 29-Jul-08
VS-HFA50PA60CHN3 VISHAY-VS-HFA50PA60CHN3 Datasheet
162Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 15-Jul-15
HFA50PA60CPBF VISHAY-HFA50PA60CPBF_11 Datasheet
215Kb / 9P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 23-May-11
VS-HFA30TA60CSPBF VISHAY-VS-HFA30TA60CSPBF Datasheet
205Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 26-Feb-16
VS-HFA30TA60CHN3 VISHAY-VS-HFA30TA60CHN3 Datasheet
156Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 15-Jul-15
VS-HFA30TA60CPBF VISHAY-VS-HFA30TA60CPBF Datasheet
193Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 14-Jul-15
VS-HFA16TA60CSPBF VISHAY-VS-HFA16TA60CSPBF Datasheet
173Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 09-May-16
VS-HFA16PA120C-N3 VISHAY-VS-HFA16PA120C-N3 Datasheet
161Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
01-Jan-2022
VS-HFA50PA60CPBF VISHAY-VS-HFA50PA60CPBF Datasheet
221Kb / 10P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 25
Revision: 19-Aug-11
VS-HFA16PA60CPBF VISHAY-VS-HFA16PA60CPBF Datasheet
208Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 10-Jul-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com