Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN0200K-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TN0200K-T1-E3
Description  N-Channel 20-V (D-S) MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TN0200K-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  TN0200K-T1-E3 Datasheet HTML 1Page - Vishay Siliconix TN0200K-T1-E3 Datasheet HTML 2Page - Vishay Siliconix TN0200K-T1-E3 Datasheet HTML 3Page - Vishay Siliconix TN0200K-T1-E3 Datasheet HTML 4Page - Vishay Siliconix TN0200K-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 72678
S-71198–Rev. B, 18-Jun-07
www.vishay.com
3
Vishay Siliconix
TN0200K
New Product
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.0
0.2
0.4
0.6
0.8
1.0
01234567
ID – Drain Current (A)
VGS = 2.5 V
VGS = 4.5 V
0
1
2
3
4
5
0.0
0.3
0.6
0.9
1.2
1.5
VDS = 10 V
ID = 0.6 A
Qg – Total Gate Charge (nC)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ = 150 °C
TJ = 25 °C
5
0.1
0.001
VSD – Source-to-Drain Voltage (V)
1
0.01
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-Source Voltage
0
25
50
75
100
125
150
175
200
0
4
8
12
16
20
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 0.6 A
TJ – Junction Temperature (°C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
012345
ID = 0.6 A
VGS – Gate-to-Source Voltage (V)


Similar Part No. - TN0200K-T1-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TN0200K-T1-E3 VBSEMI-TN0200K-T1-E3 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
More results

Similar Description - TN0200K-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN0200T VISHAY-TN0200T Datasheet
66Kb / 4P
   N-Channel 20-V (D-S) MOSFETs
Rev. F, 23-Feb-04
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIZ710DT VISHAY-SIZ710DT Datasheet
175Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. A, 04-Oct-10
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
logo
Vishay Telefunken
SIZ710DT TFUNK-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ700DT VISHAY-SIZ700DT_V01 Datasheet
213Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
08-Feb-17
SIUD402ED VISHAY-SIUD402ED Datasheet
223Kb / 9P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
SIZ700DT-T1-GE3 VISHAY-SIZ700DT-T1-GE3 Datasheet
208Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ720DT VISHAY-SIZ720DT Datasheet
194Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ710DT VISHAY-SIZ710DT_V01 Datasheet
195Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com