Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLMK3203 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLMK3203
Description  Power SMD LED PLCC-4
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMK3203 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TLMK3203 Datasheet HTML 2Page - Vishay Siliconix TLMK3203 Datasheet HTML 3Page - Vishay Siliconix TLMK3203 Datasheet HTML 4Page - Vishay Siliconix TLMK3203 Datasheet HTML 5Page - Vishay Siliconix TLMK3203 Datasheet HTML 6Page - Vishay Siliconix TLMK3203 Datasheet HTML 7Page - Vishay Siliconix TLMK3203 Datasheet HTML 8Page - Vishay Siliconix TLMK3203 Datasheet HTML 9Page - Vishay Siliconix TLMK3203 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
6
Document Number 83146
Rev. 1.5, 24-Sep-07
Vishay Semiconductors
TLMK/O/S/Y320.
Figure 9. Change of Dominant Wavelength vs. Forward Current
Figure 10. Relative Intensity vs. Wavelength
Figure 11. Forward Current vs. Forward Voltage
- 1.5
- 1.0
- 0.5
0.0
0.5
1.0
1.5
10
20
30
40
50
60
70
80
90 100
17038
I
F - Forward Current (mA)
red
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
600 610 620 630 640 650 660 670 680 690 700
17045
red
λ - Wavelength (nm)
0
10
20
30
40
50
60
70
80
90
100
1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4
VF - Forward Voltage (V)
17047
red
Figure 12. Change of Forward Voltage vs. Ambient Temperature
Figure 13. Relative Luminous Intensity vs. Amb. Temperature
Figure 14. Change of Dominant Wavelength vs.
Ambient Temperature
T
amb - Ambient Temperature (°C)
17039
30 mA
10 mA
50 mA
red
- 200
- 150
- 100
- 50
0
50
100
150
200
250
- 50
- 25
0
25
50
75
100
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
Tamb -Ambient Temperature (°C)
17040
red
- 5
- 4
- 3
- 2
- 1
0
1
2
3
- 50
- 25
0
25
50
75
100
Tamb -Ambient Temperature (°C)
17041
red


Similar Part No. - TLMK3203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMK3210 VISHAY-TLMK3210 Datasheet
292Kb / 11P
   Power SMD LED in PLCC-3 Package
Rev. 1.1, 15-Mar-05
TLMK32T2AA-GS18 VISHAY-TLMK32T2AA-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
TLMK32T2V1-GS18 VISHAY-TLMK32T2V1-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
TLMK32U2AA-GS18 VISHAY-TLMK32U2AA-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
More results

Similar Description - TLMK3203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW32T2V1-5K8L-08 VISHAY-VLMW32T2V1-5K8L-08 Datasheet
293Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.1, 20-Jul-07
VLMR32 VISHAY-VLMR32 Datasheet
217Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 16-May-13
VLMW321ABBB5K8L-08 VISHAY-VLMW321ABBB5K8L-08 Datasheet
910Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.2, 25-Apr-13
VLMW3200-GS08 VISHAY-VLMW3200-GS08 Datasheet
317Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Jul-08
VLMPG32 VISHAY-VLMPG32 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
Rev. 1.2, 30-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMS322T2V1-GS08 TO-GRACE-VLMS322T2V1-GS08 Datasheet
1Mb / 12P
   Power SMD LED PLCC-4
VLMPG32P1Q1-GS08 TO-GRACE-VLMPG32P1Q1-GS08 Datasheet
1Mb / 9P
   Power SMD LED PLCC-4
logo
Vishay Siliconix
VLMK322U1V2-GS08 VISHAY-VLMK322U1V2-GS08 Datasheet
239Kb / 12P
   Power SMD LED PLCC-4
Rev. 1.3, 16-May-13
VLMK32ABBB-GS08 VISHAY-VLMK32ABBB-GS08 Datasheet
232Kb / 11P
   Power SMD LED PLCC-4
Rev. 1.0, 25-Feb-08
VLMPG32P1Q1-GS08 VISHAY-VLMPG32P1Q1-GS08 Datasheet
221Kb / 10P
   Power SMD LED PLCC-4
Rev. 1.0, 05-May-08
TLMK32T2V1-GS18 VISHAY-TLMK32T2V1-GS18 Datasheet
309Kb / 15P
   Power SMD LED PLCC-4
Rev. 1.0, 22-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com