Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6271X Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M6271X
Description  Voltage Detecting, System Resetting IC Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M6271X Datasheet(HTML) 4 Page - Renesas Technology Corp

  M6271X Datasheet HTML 1Page - Renesas Technology Corp M6271X Datasheet HTML 2Page - Renesas Technology Corp M6271X Datasheet HTML 3Page - Renesas Technology Corp M6271X Datasheet HTML 4Page - Renesas Technology Corp M6271X Datasheet HTML 5Page - Renesas Technology Corp M6271X Datasheet HTML 6Page - Renesas Technology Corp M6271X Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
M6270X, M6271X, M6272X, M6273X, M6274XML/SL
Rev.2.00 Nov 03, 2005 page 4 of 6
Electrical Characteristics
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Test condition
2.74
2.87
3.00
M627X2, 3
2.46
2.58
2.70
M627X4, 5
2.28
2.39
2.50
M627X6, 7
Detecting voltage
VS
1.64
1.72
1.80
V
M627X8, 9
Hysteresis voltage
∆VS
50
80
110
mV
Detecting voltage
temperature coefficient
VS/
∆T
0.01
%/°C
100
200
340
M6270X
120
220
400
No OSC & counter
M6271X
250
395
560
M627X2
225
370
535
VCC=3.3V
M627X3
230
375
540
M627X4
205
350
515
VCC=3.0V
M627X5
200
345
510
M627X6
175
320
485
VCC=2.7V
M627X7
130
275
440
M627X8
Circuit current
ICC
105
250
415
µA
Built-in
OSC &
counter
X=2,3,4
VCC=2.0V
M627X9
3
µs
Response Time
M6270X
80
200
500
M6271X
30
50
70
M6272X
60
100
140
M6273X
Delay time
tpd
120
200
280
ms
Ta=–30 to +85°C
M6274X
Output
saturation voltage
Vsat
0.2
0.4
V
VCC=2V, Isink=4mA,
M627X8,9: VCC=1.6V
0.7
0.8
RL=2.2k
Ω, Vsat≤0.4V
Threshold
operating voltage
VOPL
0.6
0.7
V
Minimum
supply voltage
for operation
RL=100k
Ω, Vsat≤0.4V
Output load current
IOC
–40
–25
–17
µA
Built-in Load type, VO=1/2*VCC
Output high voltage
VOH
VCC–0.2
VCC–0.06
V
Built-in Load type
30
nA
Output leak current
IOH
1
µA
Open
collector type
Ta=–30 to +85°C


Similar Part No. - M6271X

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62712 MITSUBISHI-M62712 Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62712ML MITSUBISHI-M62712ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62712SL MITSUBISHI-M62712SL Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62713 MITSUBISHI-M62713 Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62713ML MITSUBISHI-M62713ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
More results

Similar Description - M6271X

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com