Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSHA4401 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSHA4401
Description  Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA4401 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSHA4401 Datasheet HTML 1Page - Vishay Siliconix TSHA4401 Datasheet HTML 2Page - Vishay Siliconix TSHA4401 Datasheet HTML 3Page - Vishay Siliconix TSHA4401 Datasheet HTML 4Page - Vishay Siliconix TSHA4401 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81017
148
Rev. 1.6, 16-Sep-08
TSHA4400, TSHA4401
Vishay Semiconductors
Infrared Emitting Diode, RoHS Compliant,
875 nm, GaAlAs
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
Note
Tamb = 25 °C, unless otherwise specified
Note
Tamb = 25 °C, unless otherwise specified
0
20
40
60
80
100
120
140
160
180
200
010
20
30
40
50
60
70
80
90 100
21311
T
amb - Ambient Temperature (°C)
R
thJA = 300 K/W
0
20
40
60
80
100
120
0
10
203040
506070
80
90 100
T
amb - Ambient Temperature (°C)
21312
R
thJA = 300 K/W
BASIC CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
1.5
1.8
V
IF = 1.5 A, tp = 100 µs
VF
3.2
4.9
V
Temperature coefficient of VF
IF = 100 mA
TKVF
- 1.6
mV/K
Reverse current
VR = 5 V
IR
100
µA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
20
pF
Temperature coefficient of
φ
e
IF = 100 mA
TK
φ
e
- 0.7
%/K
Angle of half intensity
ϕ
± 20
deg
Peak wavelength
IF = 100 mA
λ
p
875
nm
Spectral bandwidth
IF = 100 mA
Δλ
80
nm
Temperature coefficient of
λ
p
IF = 100 mA
TK
λ
p
0.2
nm/K
Rise time
IF = 100 mA
tr
600
ns
IF = 1.5 A
tr
300
ns
Fall time
IF = 100 mA
tf
600
ns
IF = 1.5 A
tf
300
ns
Virtual source diameter
d
1.8
mm
TYPE DEDICATED CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Radiant intensity
IF = 100 mA, tp = 20 ms
TSHA4400
Ie
12
20
60
mW/sr
TSHA4401
Ie
16
30
60
mW/sr
IF = 1.5 mA, tp = 100 µs
TSHA4400
Ie
140
240
mW/sr
TSHA4401
Ie
190
360
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
TSHA4400
φ
e
20
mW
TSHA4401
φ
e
24
mW


Similar Part No. - TSHA4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA4401 VISHAY-TSHA4401 Datasheet
83Kb / 5P
   GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package
Rev. 2, 20-May-99
TSHA4401 VISHAY-TSHA4401 Datasheet
119Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 15-Sep-14
TSHA4401 VISHAY-TSHA4401 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA4401 VISHAY-TSHA4401 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
TSHA4401 VISHAY-TSHA4401_V01 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
More results

Similar Description - TSHA4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA6500 VISHAY-TSHA6500 Datasheet
114Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 05-Sep-08
TSTA7500 VISHAY-TSTA7500_V02 Datasheet
139Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
01-Jan-2023
TSTA7500 VISHAY-TSTA7500_08 Datasheet
147Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 04-Sep-08
TSTA7300 VISHAY-TSTA7300_08 Datasheet
151Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 04-Sep-08
TSHA5200 VISHAY-TSHA5200_08 Datasheet
122Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 05-Sep-08
TSHA5500 VISHAY-TSHA5500_08 Datasheet
114Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.5, 05-Sep-08
TSTA7100 VISHAY-TSTA7100_08 Datasheet
150Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 04-Sep-08
TSTA7300 VISHAY-TSTA7300_V02 Datasheet
143Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
01-Jan-2023
TSHA6200 VISHAY-TSHA6200_08 Datasheet
122Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.6, 05-Sep-08
TSTA7300 VISHAY-TSTA7300_V01 Datasheet
144Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com