Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52742ASP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M52742ASP
Description  BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52742ASP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M52742ASP Datasheet HTML 6Page - Renesas Technology Corp M52742ASP Datasheet HTML 7Page - Renesas Technology Corp M52742ASP Datasheet HTML 8Page - Renesas Technology Corp M52742ASP Datasheet HTML 9Page - Renesas Technology Corp M52742ASP Datasheet HTML 10Page - Renesas Technology Corp M52742ASP Datasheet HTML 11Page - Renesas Technology Corp M52742ASP Datasheet HTML 12Page - Renesas Technology Corp M52742ASP Datasheet HTML 13Page - Renesas Technology Corp M52742ASP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
M52742ASP
REJ03F0192-0201 Rev.2.01 Mar 31, 2008
Page 10 of 26
ABL2 ABL Control Characteristics2
Measuring condition and procedure are the same as described in ABL1.
∆ABL2 ABL Control Relative Characteristics2
Measuring condition and procedure are the same as described in
∆ABL1.
VB1 Brightness Control Characteristics1
Measure the DC voltage at OUT (29, 32, 35) with a voltmeter. The measured value is called VOUT (29, 32, 35), and is
treated as VB1.
∆V
B1 Brightness Control Relative Characteristics1
Relative characteristics
∆VB1 is calculated by the difference in the output between the channels.
∆V
B1 = VOUT (29) − VOUT (32),
VOUT (32)
− VOUT (35),
VOUT (35)
− VOUT (29)
VB2 Brightness Control Characteristics2
Measuring condition and procedure are the same as described in VB1.
∆V
B2 Brightness Control Relative Characteristics2
Measuring condition and procedure are the same as described in
∆VB1.
VB3 Brightness Control Characteristics3
Measuring condition and procedure are the same as described in VB1.
∆V
B3 Brightness Control Relative Characteristics3
Measuring condition and procedure are the same as described in
∆VB1.
FC1 Frequency Characteristics1 (f = 50 MHz)
First, SG3 to 1 MHz is as input signal. Input a resister that is about 2 k
Ω to offer the voltage at input pins (2, 6, 11) in
order that the bottom of input signal is 2.5 V. Control the main contrast in order that the amplitude of sine wave output
is 4.0 VP-P. Control the brightness in order that the bottom of sine wave output is 2.0 VP-P. By the same way, measure
the output amplitude when SG3 to 50 MHz is as input signal. The measured value is called VOUT (29, 32, 35).
Frequency characteristics FC1 (29, 32, 35) is calculated by the equation below:
FC1 = 20log
(dB)
Output amplitude when inputted SG3 (1 MHz): 4 VP-P
VOUT VP-P
∆F
C1 Frequency Relative Characteristics1 (f = 50 MHz)
Relative characteristics
∆FC1 is calculated by the difference in the output between the channels.
FC1' Frequency Characteristics1 (f = 200 MHz)
Measuring condition and procedure are the same as described in table, expect SG3 to 200 MHz.
∆F
C1' Frequency Relative Characteristics1 (f = 200 MHz)
Relative characteristics
∆FC1' is calculated by the difference in the output between the channels.


Similar Part No. - M52742ASP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
More results

Similar Description - M52742ASP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52749FP RENESAS-M52749FP Datasheet
328Kb / 27P
   BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
   I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
   Uniformity for CRT Display Monitor
Mar 31, 2008
logo
Mitsubishi Electric Sem...
M52759SP MITSUBISHI-M52759SP Datasheet
466Kb / 25P
   UNIFORMITY FOR CRT DISPLAY MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com