Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZU13G Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HZU13G
Description  Silicon Planar Zener Diode for Surge Absorption
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU13G Datasheet(HTML) 2 Page - Renesas Technology Corp

  HZU13G Datasheet HTML 1Page - Renesas Technology Corp HZU13G Datasheet HTML 2Page - Renesas Technology Corp HZU13G Datasheet HTML 3Page - Renesas Technology Corp HZU13G Datasheet HTML 4Page - Renesas Technology Corp HZU13G Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HZU-G Series
Rev.3.00 Jun 08, 2006 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note:
See Fig2.
Electrical Characteristics
(Ta = 25
°C)
Zener Voltage
Reverse Current
Dynamic Resistance
ESD-Capability *
2
VZ (V) *
1
Test
Condition
IR (
µA)
Test
Condition
rd (
Ω)
Test
Condition
— (kV) *
2
Type No.
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
Min
HZU5.1G
4.84
5.37
5
5
1.5
130
5
30
HZU5.6G
5.31
5.92
5
5
2.5
80
5
30
HZU6.2G
5.86
6.53
5
2
3.0
50
5
30
HZU6.8G
6.47
7.14
5
2
3.5
30
5
30
HZU7.5G
7.06
7.84
5
2
4.0
30
5
30
HZU8.2G
7.76
8.64
5
2
5.0
30
5
30
HZU9.1G
8.56
9.55
5
2
6.0
30
5
30
HZU10G
9.45
10.55
5
2
7.0
30
5
30
HZU12G
11.42
12.60
5
2
9.0
35
5
30
HZU13G
12.47
13.96
5
2
10.0
35
5
30
Notes: 1. Tested with pulse (Pw = 40 ms).
2. C =150 pF, R = 330
Ω, Both forward and reverse direction 10 pulse
Failure criterion ; According to IR spec
Mark Code
Type No.
Mark No.
HZU5.1G
51
HZU5.6G
56
HZU6.2G
62
HZU6.8G
68
HZU7.5G
75
HZU8.2G
82
HZU9.1G
91
HZU10G
10
HZU12G
12
HZU13G
13


Similar Part No. - HZU13G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZU13 RENESAS-HZU13 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU13B RENESAS-HZU13B Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU13B1 RENESAS-HZU13B1 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU13B2 RENESAS-HZU13B2 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU13B3 RENESAS-HZU13B3 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
More results

Similar Description - HZU13G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8ZMFAKT RENESAS-RKZ6.8ZMFAKT Datasheet
64Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2KL RENESAS-RKZ6.2KL Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ7.5Z4MFAKT RENESAS-RKZ7.5Z4MFAKT Datasheet
193Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2Z4MFAKT RENESAS-RKZ6.2Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8Z4KT RENESAS-RKZ6.8Z4KT Datasheet
91Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ-KP RENESAS-RKZ-KP Datasheet
83Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8TKJ RENESAS-RKZ6.8TKJ Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Bidirectional Surge Absorption
RKZ6.8TKK RENESAS-RKZ6.8TKK Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Bidirectional Surge Absorption
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com