Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS382-TR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS382-TR
Description  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS382-TR Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS382-TR Datasheet HTML 1Page - Vishay Siliconix BAS382-TR Datasheet HTML 2Page - Vishay Siliconix BAS382-TR Datasheet HTML 3Page - Vishay Siliconix BAS382-TR Datasheet HTML 4Page - Vishay Siliconix BAS382-TR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85503
Rev. 1.9, 07-Mar-06
BAS381 / 382 / 383
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Junction to ambient air
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
320
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 0.1 mA
VF
330
mV
IF = 1 mA
VF
410
mV
IF = 15 mA
VF
1000
mV
Reverse current
VR = VRmax
IR
200
nA
Diode capacitance
VR = 1 V, f = 1 MHz
CD
1.6
pF
Figure 1. Max. Reverse Power Dissipation vs. Junction
Temperature
Figure 2. Reverse Current vs. Junction Temperature
0
2
4
6
8
10
12
14
25
50
75
100
125
150
Tj -Junction Temperature (°C)
15794
VR =60 V
R
= 540 K/W
thJA
PR
VR
- Limit at 100 %
PR
VR
- Limit at 80 %
PR
VR
- Limit at 100 %
0.1
100
1000
25
50
75
100
125
150
1
10
15795
VR = VRRM
Tj -Junction Temperature (°C)
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Diode Capacitance vs. Reverse Voltage
0
0.5
1
1.5
2.0
VF - Forward Voltage (V)
15796
T
j = 25 °C
T
j =150 °C
0.1
1
10
100
1000
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
VR -Reverse Voltage (V)
15797
f=1MHz


Similar Part No. - BAS382-TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS382-TR VISHAY-BAS382-TR Datasheet
126Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.9, 07-Mar-06
BAS382-TR3 VISHAY-BAS382-TR3 Datasheet
126Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.9, 07-Mar-06
More results

Similar Description - BAS382-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com