Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62273GP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62273GP
Description  M6227xGP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62273GP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62273GP Datasheet HTML 1Page - Renesas Technology Corp M62273GP Datasheet HTML 2Page - Renesas Technology Corp M62273GP Datasheet HTML 3Page - Renesas Technology Corp M62273GP Datasheet HTML 4Page - Renesas Technology Corp M62273GP Datasheet HTML 5Page - Renesas Technology Corp M62273GP Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REJ03D0849-0201 Rev.2.01 Nov 14, 2007
Page 1 of 5
M6227xGP
5-Pin SOT-23 3 V System Fixed Output Voltage DC/DC Converter
REJ03D0849-0201
Rev.2.01
Nov 14, 2007
Description
M6227xGP is an integrated circuit designed as fixed output voltage general purpose DC/DC converter.
Integrating peripheral components in ultra small 5-pin SOT23 package allows for simplified external circuit and
compact low cost design.
This IC is applicable to portable equipments due to low circuit current 500
µA (typ.)
Especially this is most suitable for CD-ROM, and so on as converter from 5 to 3 V system.
Features
• Wide operation power supply voltage range…….. 4 V to 15 V (V
CC = 5 V typ.)
• Low power consumption………………………… 500 µA max. (V
CC = 5 V typ., at no load)
• Built-in oscillator without peripheral components (110 kHz typ.)
• Built-in over current protection circuit
• Ultra small 5-pin SOT23 package
Applications
CD-ROM, portable equipments, general electric products
Block Diagram
Collector
+
+
+
OP
Amp
1.25 V
IN
45
1
2
GND
CLM
VCC
PWM Comp
3
Current limit
circuit
OSC.
(110 kHz)


Similar Part No. - M62273GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62273GP MITSUBISHI-M62273GP Datasheet
17Kb / 3P
   5-PIN SOT-23 3V SYSTEM FIXED OUTPUT VOLTAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com