Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZU6B3L Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HZU6B3L
Description  Silicon Planar Zener Diode for Low Noise Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU6B3L Datasheet(HTML) 5 Page - Renesas Technology Corp

  HZU6B3L Datasheet HTML 1Page - Renesas Technology Corp HZU6B3L Datasheet HTML 2Page - Renesas Technology Corp HZU6B3L Datasheet HTML 3Page - Renesas Technology Corp HZU6B3L Datasheet HTML 4Page - Renesas Technology Corp HZU6B3L Datasheet HTML 5Page - Renesas Technology Corp HZU6B3L Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HZU-L Series
REJ03G0043-0400 Rev.4.00 Oct 29, 2007
Page 5 of 5
Package Dimensions
b
D
E HE
A1
A2
b2
l1
l1
e1
Pattern of terminal position areas
0-
0.1
A1
0.75
0.90
1.05
A2
0.15
0.30
0.45
1.10
1.25
1.40
b
1.55
1.70
1.85
2.35
2.65
-0.80
2.50
-
-2.30
-
D
-0.80
-
E
HE
b2
e1
l1
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
SC-76A
0.004g
MASS[Typ.]
URP / URPV
PTSP0002ZA-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
URP


Similar Part No. - HZU6B3L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZU6.2 RENESAS-HZU6.2 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU6.2G RENESAS-HZU6.2G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
logo
Hitachi Metals, Ltd
HZU6.2L HITACHI-METALS-HZU6.2L Datasheet
31Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Renesas Technology Corp
HZU6.2Z RENESAS-HZU6.2Z Datasheet
153Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZU6.8 RENESAS-HZU6.8 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
More results

Similar Description - HZU6B3L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZS-L RENESAS-HZS-L Datasheet
74Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Low Noise Application
HZ12C3L RENESAS-HZ12C3L Datasheet
52Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Low Noise Application
Rev.2.00 Mar.11.2004
HZS-LL RENESAS-HZS-LL Datasheet
67Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
Rev.2.00 Jan.06.2004
HZU3ALLTRF-E RENESAS-HZU3ALLTRF-E Datasheet
183Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZU-LL RENESAS-HZU-LL Datasheet
87Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZ-LL RENESAS-HZ-LL Datasheet
49Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Hitachi Semiconductor
HZ-LL HITACHI-HZ-LL Datasheet
20Kb / 4P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
SEMTECH ELECTRONICS LTD...
1N4099 SEMTECH_ELEC-1N4099 Datasheet
212Kb / 3P
   SILICON PLANAR LOW NOISE ZENER DIODES
logo
Renesas Technology Corp
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
   Silicon Planar Zener Diode for Stabilizer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com