Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSDF1205R Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSDF1205R
Description  12 GHz Silicon NPN Planar RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1205R Datasheet(HTML) 5 Page - Vishay Siliconix

  TSDF1205R Datasheet HTML 1Page - Vishay Siliconix TSDF1205R Datasheet HTML 2Page - Vishay Siliconix TSDF1205R Datasheet HTML 3Page - Vishay Siliconix TSDF1205R Datasheet HTML 4Page - Vishay Siliconix TSDF1205R Datasheet HTML 5Page - Vishay Siliconix TSDF1205R Datasheet HTML 6Page - Vishay Siliconix TSDF1205R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TSDF1205 / 1205R / 1205W / 1205RW
Document Number 85065
Rev. 1.7, 08-Sep-08
Vishay Semiconductors
www.vishay.com
5
Package Dimensions in mm (Inches): SOT343
Package Dimensions in mm (Inches): SOT343R
foot print recommendation:
9612237
1.2 [0.047]
1.4 [0.055]
0.6 [0.024]
0.4 [0.016]
0.25 [0.010]
0.7 [0.028]
0.55 [0.022]
1.25 [0.049]
1.05 [0.041]
0.4 [0.016]
1.8 [0.071]
0.25 [0.010]
0.15 [0.006] min.
2.2 [0.087]
0.4 [0.016]
0.25 [0.010]
2.2 [0.087]
2 [0.079]
1.15 [0.045]
0.09 [0.035]
1.3 [0.051]
96 12238


Similar Part No. - TSDF1205R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF1205R VISHAY-TSDF1205R Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 5, 30-Jun-00
TSDF1205R VISHAY-TSDF1205R Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
TSDF1205RW VISHAY-TSDF1205RW Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 5, 30-Jun-00
TSDF1205RW VISHAY-TSDF1205RW Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
More results

Similar Description - TSDF1205R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF1205 VISHAY-TSDF1205_05 Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
TSDF1220 VISHAY-TSDF1220_08 Datasheet
342Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.8, 08-Sep-08
TSDF1920W VISHAY-TSDF1920W_08 Datasheet
172Kb / 5P
   25 GHz Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
TSDF2020W VISHAY-TSDF2020W Datasheet
62Kb / 4P
   25 GHz Silicon NPN Planar RF Transistor
Rev. 3, 02-May-02
TSDF1920W VISHAY-TSDF1920W Datasheet
55Kb / 4P
   25 GHz Silicon NPN Planar RF Transistor
Rev. 2, 02-May-02
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com