Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSDF1205 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSDF1205
Description  12 GHz Silicon NPN Planar RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1205 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSDF1205_08 Datasheet HTML 1Page - Vishay Siliconix TSDF1205_08 Datasheet HTML 2Page - Vishay Siliconix TSDF1205_08 Datasheet HTML 3Page - Vishay Siliconix TSDF1205_08 Datasheet HTML 4Page - Vishay Siliconix TSDF1205_08 Datasheet HTML 5Page - Vishay Siliconix TSDF1205_08 Datasheet HTML 6Page - Vishay Siliconix TSDF1205_08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 85065
Rev. 1.7, 08-Sep-08
TSDF1205 / 1205R / 1205W / 1205RW
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35 µm Cu
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Collector-base voltage
VCBO
9V
Collector-emitter voltage
VCEO
4V
Emitter-base voltage
VEBO
2V
Collector current
IC
12
mA
Total power dissipation
Tamb ≤ 132 °C
Ptot
40
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Junction to ambient air
1)
RthJA
450
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter cut-off current
VCE = 12 V, VBE = 0
ICES
100
µA
Collector-base cut-off current
VCB = 10 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 1 V, IC = 0
IEBO
2µA
Collector-emitter breakdown
voltage
IC = 1 mA, IB = 0
V(BR)CEO
4V
Collector-emitter saturation
voltage
IC = 5 mA, IB = 0.5 mA
VCEsat
0.1
0.5
V
DC forward current transfer ratio VCE = 2 V, IC = 2 mA
hFE
50
120
250


Similar Part No. - TSDF1205_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF1205 VISHAY-TSDF1205_05 Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
More results

Similar Description - TSDF1205_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF1205 VISHAY-TSDF1205_05 Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
TSDF1220 VISHAY-TSDF1220_08 Datasheet
342Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.8, 08-Sep-08
TSDF1920W VISHAY-TSDF1920W_08 Datasheet
172Kb / 5P
   25 GHz Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
TSDF2020W VISHAY-TSDF2020W Datasheet
62Kb / 4P
   25 GHz Silicon NPN Planar RF Transistor
Rev. 3, 02-May-02
TSDF1920W VISHAY-TSDF1920W Datasheet
55Kb / 4P
   25 GHz Silicon NPN Planar RF Transistor
Rev. 2, 02-May-02
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com