Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSDF1205 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TSDF1205
Description  12 GHz Silicon NPN Planar RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1205 Datasheet(HTML) 7 Page - Vishay Siliconix

  TSDF1205_08 Datasheet HTML 1Page - Vishay Siliconix TSDF1205_08 Datasheet HTML 2Page - Vishay Siliconix TSDF1205_08 Datasheet HTML 3Page - Vishay Siliconix TSDF1205_08 Datasheet HTML 4Page - Vishay Siliconix TSDF1205_08 Datasheet HTML 5Page - Vishay Siliconix TSDF1205_08 Datasheet HTML 6Page - Vishay Siliconix TSDF1205_08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - TSDF1205_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF1205 VISHAY-TSDF1205_05 Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
More results

Similar Description - TSDF1205_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF1205 VISHAY-TSDF1205_05 Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
TSDF1220 VISHAY-TSDF1220_08 Datasheet
342Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.8, 08-Sep-08
TSDF1920W VISHAY-TSDF1920W_08 Datasheet
172Kb / 5P
   25 GHz Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
TSDF2020W VISHAY-TSDF2020W Datasheet
62Kb / 4P
   25 GHz Silicon NPN Planar RF Transistor
Rev. 3, 02-May-02
TSDF1920W VISHAY-TSDF1920W Datasheet
55Kb / 4P
   25 GHz Silicon NPN Planar RF Transistor
Rev. 2, 02-May-02
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com