Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ2220A102MXOAC5Z Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ2220A102MXOAC5Z
Description  Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ2220A102MXOAC5Z Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ2220A102MXOAC5Z Datasheet HTML 1Page - Vishay Siliconix VJ2220A102MXOAC5Z Datasheet HTML 2Page - Vishay Siliconix VJ2220A102MXOAC5Z Datasheet HTML 3Page - Vishay Siliconix VJ2220A102MXOAC5Z Datasheet HTML 4Page - Vishay Siliconix VJ2220A102MXOAC5Z Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 45128
For technical questions, contact: mlcc@vishay.com
www.vishay.com
Revision: 26-Feb-10
1
Surface Mount Multilayer Ceramic Chip Capacitors
for Non-Magnetic Applications
VJ Non-Magnetic Series C0G (NP0)/X7R/X5R Dielectric
Vishay Vitramon
FEATURES
• Manufactured with non-magnetic materials
• Speciality: Non-magnetic MLCCs
• Safety screened for magnetic properties
• Wide range of case sizes, voltage ratings and
capacitance values
• Surface mount, wet build process
• Reliable Noble Metal Electrode (NME) system
• Halogen-free according to IEC 61249-2-21 definition
APPLICATIONS
• Magnetic Resonance Imaging (MRI)
• Medical test and diagnostic equipment
• High Rel medical systems
• High Rel aviation systems
• Laboratory analysis systems
• Navigation and electronic test equipment
• Audio amplifiers
ELECTRICAL SPECIFICATIONS
NON-MAGNETIC C0G (NP0)
GENERAL SPECIFICATIONS
Note
Electrical characteristics at + 25 °C unless otherwise specified
Operating Temperature: - 55 °C to + 125 °C
Capacitance Range: 0.5 pF to 0.056 µF
Voltage Range: 10 VDC to 3000 VDC
Temperature Coefficient of Capacitance (TCC):
0 ppm/°C ± 30 ppm/°C from - 55 °C to + 125 °C
Dissipation Factor (DF):
0.1 % maximum at 1.0 VRMS and
1 MHz for values
≤ 1000 pF
0.1 % maximum at 1.0 VRMS and
1 kHz for values > 1000 pF
Aging Rate: 0 % maximum per decade
Insulating Resistance:
At + 25 °C 100 000 M
Ω min. or 1000 ΩF whichever is less
At + 125 °C 10 000 M
Ω min. or 100 ΩF whichever is less
Dielectric Strength Test:
Performed per Method 103 of EIA 198-2-E.
Applied test voltages:
≤ 500 V
DC-rated:
200 % of rated voltage
630 Vdc/1000 VDC-rated:
150 % of rated voltage
1500 Vdc to 3000 VDC-rated: 120 % of rated voltage
NON-MAGNETIC X7R/X5R
GENERAL SPECIFICATIONS
Note
Electrical characteristics at + 25 °C unless otherwise specified
Operating Temperature: - 55 °C to + 125 °C
Capacitance Range: 100 pF to 6.8 µF
Voltage Range:
6.3 VDC to 3000 VDC
Temperature Coefficient of Capacitance (TCC):
X5R: ± 15 % from - 55 °C to + 85 °C, with 0 VDC applied
X7R: ± 15 % from - 55 °C to + 125 °C, with 0 VDC applied
Dissipation Factor (DF):
≤ 6.3 V, 10 V ratings: 5 % maximum at 1.0 VRMS and 1 kHz
16 V, 25 V ratings: 3.5 % maximum at 1.0 VRMS and 1 kHz
≥ 50 V ratings: 2.5 % maximum at 1.0 VRMS and 1 kHz
Aging Rate: 1 % maximum per decade
Insulating Resistance:
At + 25 °C 100 000 M
Ω min. or 1000 ΩF whichever is less
At + 125 °C 10 000 M
Ω min. or 100 ΩF whichever is less
Dielectric Strength Test:
Performed per Method 103 of EIA 198-2-E.
Applied test voltages:
≤ 500 VDC-rated:
200 % of rated voltage
630 Vdc/1000 VDC-rated:
150 % of rated voltage
1500 Vdc to 3000 VDC-rated: 120 % of rated voltage


Similar Part No. - VJ2220A102MXOAC5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ2220A102 VISHAY-VJ2220A102 Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJ2220A102BFAAT VISHAY-VJ2220A102BFAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ2220A102BFXAT VISHAY-VJ2220A102BFXAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ2220A102BXAAT VISHAY-VJ2220A102BXAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ2220A102BXXAT VISHAY-VJ2220A102BXXAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
More results

Similar Description - VJ2220A102MXOAC5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A121JXRAT5Z VISHAY-VJ0805A121JXRAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
VJ0805Y VISHAY-VJ0805Y Datasheet
117Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 11-Aug-08
VJHVARC VISHAY-VJHVARC Datasheet
189Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 23-Nov-16
VJHVARCGUARD VISHAY-VJHVARCGUARD Datasheet
184Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
01-Jan-2023
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com