Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZC10 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HZC10
Description  Silicon Epitaxial Planar Zener Diode for Surge Absorb
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZC10 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HZC10 Datasheet HTML 1Page - Renesas Technology Corp HZC10 Datasheet HTML 2Page - Renesas Technology Corp HZC10 Datasheet HTML 3Page - Renesas Technology Corp HZC10 Datasheet HTML 4Page - Renesas Technology Corp HZC10 Datasheet HTML 5Page - Renesas Technology Corp HZC10 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HZC Series
Rev.2.00 Jul 04, 2005 page 4 of 5
Main Characteristic
0
5
10 15 20 25
−0.06
30 35 40 45
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
−25
−20
−15
−10
−5
0
5
10
15
20
25
30
35
40
%/
°C
mV/
°C
Zener Voltage VZ (V)
Fig.2 Temperature Coefficient vs. Zener voltage
250
200
150
100
50
200
150
100
50
0
0
1.5
1.5
Polyimide board
20h
×15w×0.8t
unit: mm
Fig.2 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (
°C)
10
8
6
4
2
0
0
Zener Voltage VZ (V)
Fig.1 Zener current vs. Zener voltage
4
8
12
16
20
24
28
32
40
36


Similar Part No. - HZC10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZC10 HITACHI-HZC10 Datasheet
34Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Cornell Dubilier Electr...
HZC106M050C12T-F CDE-HZC106M050C12T-F Datasheet
825Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZC106M050C12T-F CDE-HZC106M050C12T-F Datasheet
825Kb / 8P
   Low Leakage Current
HZC106M050C12T-F CDE-HZC106M050C12T-F Datasheet
416Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZC106M063D16T-F CDE-HZC106M063D16T-F Datasheet
825Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
More results

Similar Description - HZC10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZM27WA HITACHI-HZM27WA Datasheet
30Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM27FA HITACHI-HZM27FA Datasheet
28Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM43FA HITACHI-HZM43FA Datasheet
32Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Renesas Technology Corp
HZM7.5FA RENESAS-HZM7.5FA Datasheet
179Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Hitachi Semiconductor
HZM62ZWA HITACHI-HZM62ZWA Datasheet
30Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM56ZFA HITACHI-HZM56ZFA Datasheet
31Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM68FA HITACHI-HZM68FA Datasheet
28Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Renesas Technology Corp
HZM27WA RENESAS-HZM27WA Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZM5.6ZFA RENESAS-HZM5.6ZFA Datasheet
156Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
HZU6.8Z RENESAS-HZU6.8Z Datasheet
155Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
logo
Hitachi Metals, Ltd
HZU6.2L HITACHI-METALS-HZU6.2L Datasheet
31Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com