Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS33-100KFKD0016 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CS33-100KFKD0016
Description  Dual Value Chip Resistors, Center Tap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS33-100KFKD0016 Datasheet(HTML) 2 Page - Vishay Siliconix

  CS33-100KFKD0016 Datasheet HTML 1Page - Vishay Siliconix CS33-100KFKD0016 Datasheet HTML 2Page - Vishay Siliconix CS33-100KFKD0016 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS 33
Dual Value Chip Resistors, Center Tap
Vishay Sfernice
Document Number: 60067
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Oct-08
25
DIMENSIONS
Bonding Pad Area
A
B
C
E
F
D
DIMENSION
INCHES
MILLIMETERS
A
0.03 ± 0.004
0.76 ± 0.10
B
0.03 ± 0.004
0.76 ± 0.10
C
0.01 ± 0.015
0.25 ± 0.40
D
0.004
0.10
E
0.006
0.15
F
0.006
0.15
MECHANICAL SPECIFICATIONS
Resistive element
Chromium Silicon
Passivation
Silicone Nitride
Substrate material
Silicon (Consult Vishay for Al2O3)
Bonding pads
Aluminum
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CS33-100KF1MD0016 (preferred part number format)
GLOBAL MODEL
R1 VALUE
ABS. TOLERANCE
R2 VALUE
RAT. TOLERANCE
OPTION
Decimal
R, K or M
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
Decimal
R, K or M
D = ± 0.5 %
leave blank if no
option
Historical Part Number example: CS 33 100K 1M 1 % 0.5 % R0016 (will continue to be accepted)
CS 33
100K 1M
1 % 0.5 %
R0016
HISTORICAL MODEL
R1/R2 VALUE
ABS. TOLERANCE
AND RATIO TOLERANCE
OPTION
-1
0
0
K
F
1
D
0
6
3
C
3
S
M0
1


Similar Part No. - CS33-100KFKD0016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS33 VISHAY-CS33 Datasheet
71Kb / 3P
   Dual Value Chip Resistor, Center Tap
Revision 27-Apr-01
logo
Coto Technology
CS330 COTO-CS330 Datasheet
335Kb / 2P
   Contact Form: 2a Load Voltage: 400V Maximum
CS330 COTO-CS330 Datasheet
624Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
logo
List of Unclassifed Man...
CS330026 ETC-CS330026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CS330060 ETC-CS330060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS33-100KFKD0016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TA33 VISHAY-TA33_08 Datasheet
89Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
RMK33N VISHAY-RMK33N_08 Datasheet
96Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
RSK33N VISHAY-RSK33N Datasheet
96Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
CS33 VISHAY-CS33 Datasheet
71Kb / 3P
   Dual Value Chip Resistor, Center Tap
Revision 27-Apr-01
TA33 VISHAY-TA33 Datasheet
189Kb / 3P
   Dual Value, Chip Resistor Center Tap
Revision 24-Feb-06
RMK33N VISHAY-RMK33N Datasheet
114Kb / 2P
   Dual Value Chip Resistor, Center Tap
Revision 22-Jul-03
S30R VISHAY-S30R Datasheet
257Kb / 3P
   Center Tap Chip Resistor
Revision 01-May-03
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
   Dual rectifier construction, positive center tap
logo
Vishay Siliconix
RMK22N VISHAY-RMK22N Datasheet
85Kb / 3P
   Single Value Chip Resistors
Revision: 11-Mar-14
RMK55N VISHAY-RMK55N Datasheet
91Kb / 3P
   Single Value Chip Resistors
Revision: 06-Oct-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com