Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

149SSN32S103ZP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 149SSN32S103ZP
Description  1/2 (12.7 mm) Conductive Plastic and Cermet Potentiometers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

149SSN32S103ZP Datasheet(HTML) 3 Page - Vishay Siliconix

  149SSN32S103ZP Datasheet HTML 1Page - Vishay Siliconix 149SSN32S103ZP Datasheet HTML 2Page - Vishay Siliconix 149SSN32S103ZP Datasheet HTML 3Page - Vishay Siliconix 149SSN32S103ZP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57040
104
See also: Application notes
Revision: 31-Jul-06
148, 149
Vishay Spectrol
1/2" (12.7 mm) Conductive Plastic and Cermet
Potentiometers
MARKING
Unit Identification: Ink stamp on periphery
ORDERING INFORMATION
148
MODEL
S
NUMBER
OF
SECTIONS
X
MECHANICAL
CONFIGURATION
G
METRIC
BUSHING
SIZE & SHAFT
56
SHAFT
LENGTH
S
SHAFT
STYLE
103
RESISTANCE
CODE
Ω
S
TAPER
P
TERMINAL
CONFIGURATION
e3
LEAD
FINISH
FROM THE
MOUNTING
SURFACE
148 CP
149 Cer
S: Single
D: Duals
T: Triple
X: None (single
shaft
D, T sections)
S: Single w/rotary
switch
P: Dual w/rotary
switch
N: 1/4 Dia x 1/4 L
Shaft 1/8 Dia
J: 1/4 Dia x 3/8 L
Shaft, 1/8 Dia
G: 3/8 Dia x 3/8 L
Shaft, 1/4 Dia
Shaft length code
32: 1/2 in
40: 5/8 in
48: 3/4 in
56: 7/8 in
64: 1 in
80: 1 1/4 in
S:
Slotted
F:
Flatted
P: Plain
slotted in
std.
on
request
F and P
EIA code - first 2
significant digits
3rd is number of
zeros
S: Linear
± 10 %
Z: CW Log,
± 10 %
to 500 k
Ω
± 20 % over
500 k
Ω
R: CCW Log,
± 10 %
to 500 k
Ω
± 20 %
over 500 k
Ω
P: PC, 0.250
E: PC terminals
with E support
plate
S: Solder lugs
e3: Pure
Sn
100
250
500
750
1K
2.5K
5K
10K
20K
25K
50K
75K
100K
250K
500K
750K
1M
2M
SAP PART NUMBERING GUIDELINES
14
8
10
F
0
G
J
S
X
1
0
1
0
3
K
A
MODEL
SHAFT
See the end of this data book for conversion tables
SWITCH
LEADS
BUSHING
OHMIC VALUE/TOL/LAW
OR
SPECIAL
LOCATING
PEG
NB
OF MOD.


Similar Part No. - 149SSN32S103ZP

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
149S HAMMOND-149S Datasheet
395Kb / 2P
   P.C. BOARD MOUNT AUDIO TRANSFORMERS
More results

Similar Description - 149SSN32S103ZP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
248 VISHAY-248_V01 Datasheet
82Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers
01-Jan-2022
248 VISHAY-248 Datasheet
97Kb / 3P
   1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
Revision: 02-Jul-07
148 VISHAY-148_V01 Datasheet
125Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
01-Jan-2022
PRV6 VISHAY-PRV6_06 Datasheet
137Kb / 4P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision: 29-Jun-06
PRV6 VISHAY-PRV6 Datasheet
167Kb / 3P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision 15-Apr-02
P11 VISHAY-P11 Datasheet
260Kb / 14P
   12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 16-Jun-08
142 VISHAY-142 Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
208 VISHAY-208 Datasheet
103Kb / 4P
   1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
01-Jan-2022
logo
List of Unclassifed Man...
VR24 ETC-VR24 Datasheet
415Kb / 1P
   CERMET TRIMMING POTENTIOMETERS
logo
Vishay Siliconix
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Jul-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com