Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCET1116 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCET1116
Description  Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1116 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCET1116 Datasheet HTML 1Page - Vishay Siliconix TCET1116 Datasheet HTML 2Page - Vishay Siliconix TCET1116 Datasheet HTML 3Page - Vishay Siliconix TCET1116 Datasheet HTML 4Page - Vishay Siliconix TCET1116 Datasheet HTML 5Page - Vishay Siliconix TCET1116 Datasheet HTML 6Page - Vishay Siliconix TCET1116 Datasheet HTML 7Page - Vishay Siliconix TCET1116 Datasheet HTML 8Page - Vishay Siliconix TCET1116 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83546
2
Rev. 1.8, 21-Nov-07
TCET1110/TCET1110G
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Temperature, 110 °C Rated
Note
4 Pin = single channel
G = lead form 10.16 mm; G is not marked on the body
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
ORDER INFORMATION
PART
REMARKS
TCET1110
CTR 50 to 600 %, DIP-4
TCET1111
CTR 40 to 80 %, DIP-4
TCET1112
CTR 63 to 125 %, DIP-4
TCET1113
CTR 100 to 200 %, DIP-4
TCET1114
CTR 160 to 320 %, DIP-4
TCET1115
CTR 50 to 150 %, DIP-4
TCET1116
CTR 100 to 300 %, DIP-4
TCET1117
CTR 80 to 160 %, DIP-4
TCET1118
CTR 130 to 260 %, DIP-4
TCET1119
CTR 200 to 400 %, DIP-4
TCET1110G
CTR 50 to 600 %, DIP-4
TCET1111G
CTR 40 to 80 %, DIP-4
TCET1112G
CTR 63 to 125 %, DIP-4
TCET1113G
CTR 100 to 200 %, DIP-4
TCET1114G
CTR 160 to 320 %, DIP-4
TCET1115G
CTR 50 to 150 %, DIP-4
TCET1116G
CTR 100 to 300 %, DIP-4
TCET1117G
CTR 80 to 160 %, DIP-4
TCET1118G
CTR 130 to 260 %, DIP-4
TCET1119G
CTR 200 to 400 %, DIP-4
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tP ≤ 10 µs
IFSM
1.5
A
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tP/T = 0.5, tP ≤ 10 ms
ICM
100
mA
COUPLER
Isolation test voltage (RMS)
t = 1 min
VISO
5000
VRMS
Operating ambient temperature range
Tamb
- 40 to + 110
°C
Storage temperature range
Tstg
- 55 to + 125
°C
Soldering temperature
2 mm from case,
≤ 10 s
Tsld
260
°C


Similar Part No. - TCET1116

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1116 VISHAY-TCET1116 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCET1116G VISHAY-TCET1116G Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results

Similar Description - TCET1116

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Rev. 1.0, 04-Mar-08
TCET111 VISHAY-TCET111 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2023
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Rev. 2.1, 10-May-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com