Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCET1107 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TCET1107
Description  Optocoupler, Phototransistor Output, High Temperarure
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1107 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TCET1107 Datasheet HTML 2Page - Vishay Siliconix TCET1107 Datasheet HTML 3Page - Vishay Siliconix TCET1107 Datasheet HTML 4Page - Vishay Siliconix TCET1107 Datasheet HTML 5Page - Vishay Siliconix TCET1107 Datasheet HTML 6Page - Vishay Siliconix TCET1107 Datasheet HTML 7Page - Vishay Siliconix TCET1107 Datasheet HTML 8Page - Vishay Siliconix TCET1107 Datasheet HTML 9Page - Vishay Siliconix TCET1107 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Document Number: 83503
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 2.2, 16-May-08
817
TCET1100/TCET1100G
Optocoupler, Phototransistor Output,
High Temperarure
Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters
14789
technical drawings
according to DIN
specifications
Weight: ca. 0.25 g
Creepage distance: > 6 mm
Air path: > 6 mm
after mounting on PC board
0.25 ± 0.05
7.62 nom.
9 ± 0.8
6.3 ± 0.1
0.53 ± 0.05
1.32 ± 0.05
2.54 nom.
4.5 ± 0.2
< 4.75
1 2
4 3
2.54
2.54
E. g.:
Special features: endstackable
to 2.54 mm (0.100") spacing
Weight: ca. 0.25 g
Creepage distance: > 8 mm
Air path: > 8 mm
after mounting on PC board
14792
E. g.:
Special features: endstackable
to 2.54 mm (0.100") spacing
technical drawings
according to DIN
specifications
2.54
2.54
6.3 ± 0.1
1.32 ± 0.05
0.25 ± 0.05
0.53 ± 0.05
4.5 ± 0.2
2.54 nom.
10.16 ± 0.3
7.62 nom.
< 4.75
1 2
4 3


Similar Part No. - TCET1107

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1107 VISHAY-TCET1107 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1107 VISHAY-TCET1107 Datasheet
142Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
TCET1107G VISHAY-TCET1107G Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1107G VISHAY-TCET1107G Datasheet
142Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
More results

Similar Description - TCET1107

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
VO615A-4X009T VISHAY-VO615A-4X009T Datasheet
201Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.0, 15-Feb-13
SFH610A VISHAY-SFH610A_18 Datasheet
192Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.5, 28-Mar-18
VO615A-6X009T VISHAY-VO615A-6X009T Datasheet
198Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.2, 09-Sep-13
VO615A-6X001 VISHAY-VO615A-6X001 Datasheet
198Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.2, 09-Sep-13
VO617A VISHAY-VO617A_15 Datasheet
207Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability
Rev. 2.5, 27-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com