Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCET1106 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCET1106
Description  Optocoupler, Phototransistor Output, High Temperarure
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1106 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCET1106 Datasheet HTML 1Page - Vishay Siliconix TCET1106 Datasheet HTML 2Page - Vishay Siliconix TCET1106 Datasheet HTML 3Page - Vishay Siliconix TCET1106 Datasheet HTML 4Page - Vishay Siliconix TCET1106 Datasheet HTML 5Page - Vishay Siliconix TCET1106 Datasheet HTML 6Page - Vishay Siliconix TCET1106 Datasheet HTML 7Page - Vishay Siliconix TCET1106 Datasheet HTML 8Page - Vishay Siliconix TCET1106 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Document Number: 83503
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 2.2, 16-May-08
813
TCET1100/TCET1100G
Optocoupler, Phototransistor Output,
High Temperarure
Vishay Semiconductors
Note
According to DIN EN 60747-5-5 (see figure 1). This optocoupler is suitable for safe electrical isolation only within the safety ratings. Compliance
with the safety ratings shall be ensured by means of suitable protective circuits.
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 1 mA
TCET1101
TCET1101G
CTR
13
30
%
TCET1102
TCET1102G
CTR
22
45
%
TCET1103
TCET1103G
CTR
34
70
%
TCET1104
TCET1104G
CTR
56
90
%
VCE = 5 V, IF = 5 mA
TCET1100
TCET1100G
CTR
50
600
%
TCET1105
TCET1105G
CTR
50
150
%
TCET1106
TCET1106G
CTR
100
300
%
TCET1107
TCET1107G
CTR
80
160
%
TCET1108
TCET1108G
CTR
130
260
%
TCET1109
TCET1109G
CTR
200
400
%
VCE = 5 V, IF = 10 mA
TCET1101
TCET1101G
CTR
40
80
%
TCET1102
TCET1102G
CTR
63
125
%
TCET1103
TCET1103G
CTR
100
200
%
TCET1104
TCET1104G
CTR
160
320
%
MAXIMUM SAFETY RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward current
IF
130
mA
OUTPUT
Power dissipation
Pdiss
265
mW
COUPLER
Rated impulse voltage
VIOTM
8kV
Safety temperature
Tsi
150
°C
INSULATION RATED PARAMETERS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Partial discharge test voltage -
routine test
100 %, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
8kV
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Ω


Similar Part No. - TCET1106

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1106 VISHAY-TCET1106 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1106 VISHAY-TCET1106 Datasheet
142Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
TCET1106G VISHAY-TCET1106G Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1106G VISHAY-TCET1106G Datasheet
142Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
More results

Similar Description - TCET1106

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
VO615A-4X009T VISHAY-VO615A-4X009T Datasheet
201Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.0, 15-Feb-13
SFH610A VISHAY-SFH610A_18 Datasheet
192Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.5, 28-Mar-18
VO615A-6X009T VISHAY-VO615A-6X009T Datasheet
198Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.2, 09-Sep-13
VO615A-6X001 VISHAY-VO615A-6X001 Datasheet
198Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.2, 09-Sep-13
VO617A VISHAY-VO617A_15 Datasheet
207Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability
Rev. 2.5, 27-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com