Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP75340 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TSOP75340
Description  IR Receiver Modules for Remote Control Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP75340 Datasheet(HTML) 7 Page - Vishay Siliconix

  TSOP75340 Datasheet HTML 1Page - Vishay Siliconix TSOP75340 Datasheet HTML 2Page - Vishay Siliconix TSOP75340 Datasheet HTML 3Page - Vishay Siliconix TSOP75340 Datasheet HTML 4Page - Vishay Siliconix TSOP75340 Datasheet HTML 5Page - Vishay Siliconix TSOP75340 Datasheet HTML 6Page - Vishay Siliconix TSOP75340 Datasheet HTML 7Page - Vishay Siliconix TSOP75340 Datasheet HTML 8Page - Vishay Siliconix TSOP75340 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 81939
www.vishay.com
Rev. 1.1, 13-Nov-08
7
TSOP753..
IR Receiver Modules for
Remote Control Systems
Vishay Semiconductors
TAPING VERSION TSOP..TR DIMENSIONS in millimeters
1.75
7.5
16
7.1
Ø 1.5 min
Ø 1.5
1.34 ref.
4 °
Drawing-No.: 9.700-5337.01-4
Issue: 1; 16.10.08
specifications
according to DIN
technical drawings
21577


Similar Part No. - TSOP75340

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP75340 VISHAY-TSOP75340 Datasheet
306Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.5, 22-Jul-16
TSOP75340 VISHAY-TSOP75340 Datasheet
624Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.8, 26-Apr-2018
TSOP75340W VISHAY-TSOP75340W Datasheet
330Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.5, 22-Jul-16
More results

Similar Description - TSOP75340

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com