Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP34436 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSOP34436
Description  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP34436 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSOP34436 Datasheet HTML 1Page - Vishay Siliconix TSOP34436 Datasheet HTML 2Page - Vishay Siliconix TSOP34436 Datasheet HTML 3Page - Vishay Siliconix TSOP34436 Datasheet HTML 4Page - Vishay Siliconix TSOP34436 Datasheet HTML 5Page - Vishay Siliconix TSOP34436 Datasheet HTML 6Page - Vishay Siliconix TSOP34436 Datasheet HTML 7Page - Vishay Siliconix TSOP34436 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
Document Number: 81732
124
Rev. 1.2, 20-Aug-08
New TSOP348.., TSOP344..
Vishay Semiconductors
IR Receiver Modules for
Remote Control Systems
Fig. 9 - Max. Envelope Duty Cycle vs. Burst Length
Fig. 10 - Sensitivity vs. Ambient Temperature
Fig. 11 - Relative Spectral Sensitivity vs. Wavelength
Fig. 12 - Horizontal Directivity
Fig. 13 - Sensitivity vs. Supply Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
020
40
60
80100
120
Burst Length (number of cycles/burst)
f = 38 kHz, E
e = 2 mW /m²
TSOP348..
TSOP344..
20748
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
- 30
- 10
10
30
50
70
90
T
amb - Ambient Temperature (°C)
20749
0.0
0.2
0.4
0.6
0.8
1.0
1.2
750
850
950
1050
1150
λ - Wavelength (nm)
16919
96 12223p2
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
d
rel - Relative Transmission Distance
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
23456
Vs - Supply Voltage (V)
20750
3.5
4.5
5.5
2.5


Similar Part No. - TSOP34436

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP34436SB1 VISHAY-TSOP34436SB1 Datasheet
177Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 28-Feb-05
TSOP34436SB1F VISHAY-TSOP34436SB1F Datasheet
177Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 28-Feb-05
TSOP34436SS1BS12 VISHAY-TSOP34436SS1BS12 Datasheet
237Kb / 10P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 28-Feb-05
More results

Similar Description - TSOP34436

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com