Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5855CDC-T1-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI5855CDC-T1-E3
Description  P-Channel 20-V (D-S) MOSFET With Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5855CDC-T1-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

  SI5855CDC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5855CDC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5855CDC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5855CDC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5855CDC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5855CDC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI5855CDC-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI5855CDC-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI5855CDC-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
8
Document Number: 68910
S-82299-Rev. A, 22-Sep-08
Vishay Siliconix
Si5855CDC
SCHOTTKY TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?68910.
Capacitance
0
100
200
300
400
500
600
04
8
12
16
20
VKA - Reverse Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10-3
10-2
1
10
600
10-1
10-4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 95 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


Similar Part No. - SI5855CDC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5855DC VISHAY-SI5855DC Datasheet
86Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. A, 07-Jul-03
SI5855DC VISHAY-SI5855DC Datasheet
101Kb / 7P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 17-May-04
Si5855DC VISHAY-Si5855DC Datasheet
188Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. C, 08-Mar-10
SI5855DC-T1 VISHAY-SI5855DC-T1 Datasheet
86Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. A, 07-Jul-03
SI5855DC-T1-E3 VISHAY-SI5855DC-T1-E3 Datasheet
188Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. C, 08-Mar-10
More results

Similar Description - SI5855CDC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3853DV VISHAY-SI3853DV Datasheet
71Kb / 6P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 04-Oct-99
SI4845DY VISHAY-SI4845DY Datasheet
134Kb / 9P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jun-05
SI3805DV VISHAY-SI3805DV Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 22-Sep-08
SI4829DY VISHAY-SI4829DY Datasheet
110Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
logo
Analog Power
AM3829P ANALOGPOWER-AM3829P Datasheet
287Kb / 5P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SIA811ADJ VISHAY-SIA811ADJ_V01 Datasheet
375Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBBD4290A VBSEMI-VBBD4290A_V01 Datasheet
928Kb / 11P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI5857DU VISHAY-SI5857DU Datasheet
136Kb / 10P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. C, 23-Jun-08
SI4823DY VISHAY-SI4823DY Datasheet
287Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. C, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com