Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRT23M-X006 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BRT23M-X006
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT23M-X006 Datasheet(HTML) 3 Page - Vishay Siliconix

  BRT23M-X006 Datasheet HTML 1Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 2Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 3Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 4Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 5Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 6Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 7Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 8Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 83690
For technical questions, contact: optocouplers.answers@vishay.com
www.vishay.com
Rev. 1.5, 07-May-08
195
BRT21/BRT22/BRT23
Optocoupler, Phototriac Output,
Zero Crossing
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
OUTPUT
Off-state voltage
ID(RMS) = 70 µA
VD(RMS)
424
460
V
Repetitive peak off-state voltage
IDRM = 100 µA
VDRM
600
V
Off-state current
VD = VDRM, Tamb = 100 °C,
IF = 0 mA
ID(RMS)
10
100
µA
On-state voltage
IT = 300 mA
VTM
1.7
3.0
V
On-state current
PF = 1.0, VT(RMS) = 1.7 V
ITM
300
mA
Surge (non-repetitive),
on-state current
f = 50 Hz
ITSM
3.0
A
Trigger current temp. gradient
ΔI
FT1/ΔTj
7.0
14
µA/K
ΔI
FT2/ΔTj
7.0
14
µA/K
Inhibit voltage temp. gradient
ΔV
DINH/ΔTj
- 20
mV/K
Off-state current in inhibit state
IF = IFT1, VDRM
IDINH
50
200
µA
Holding current
IH
65
500
µA
Latching current
VT = 2.2 V
IL
5.0
mA
Zero cross inhibit voltage
IF = rated IFT
VIH
15
25
V
Turn-on time
VRM = VDM = VD(RMS)
ton
35
µs
Turn-off time
PF = 1.0, IT = 300 mA
toff
50
µs
Critical rate of rise of off-state
voltage
VD = 0.67 VDRM, Tj = 25 °C
dV/dtcr
10000
V/µs
VD = 0.67 VDRM, Tj = 80 °C
dV/dtcr
5000
V/µs
Critical rate of rise of voltage at
current commutation
VD = 0.67 VDRM,
dI/dtcrq ≤ 15 A/ms, Tj = 25 °C
dV/dtcrq
10000
V/µs
VD = 0.67 VDRM,
dI/dtcrq ≤ 15 A/ms, Tj = 80 °C
dV/dtcrq
5000
V/µs
Critical rate of rise of on-state
dI/dtcr
8.0
A/µs
Thermal resistance, junction to
ambient
RthJA
125
K/W
COUPLER
Critical rate of rise of coupled
input/output voltage
IT = 0 A, VRM = VDM = VD(RMS)
dVIO/dt
10000
V/µs
Common mode coupling
capacitance
CCM
0.01
pF
Capacitance (input to output)
f = 1.0 MHz, VIO = 0 V
CIO
0.8
pF
Isolation resistance
VIO = 500 V, Tamb = 25 °C
Ris
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
Ris
≥ 1011
Ω
Trigger current
VD = 5.0 V, F - versions
IFT
1.2
mA
VD = 5.0 V, H - versions
IFT
2.0
mA
VD = 5.0 V, M - versions
IFT
3.0
mA
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT


Similar Part No. - BRT23M-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT23M-X006 VISHAY-BRT23M-X006 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
More results

Similar Description - BRT23M-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com