Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG10FCT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UG10FCT
Description  Dual Ultrafast Soft Recovery Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG10FCT Datasheet(HTML) 1 Page - Vishay Siliconix

  UG10FCT Datasheet HTML 1Page - Vishay Siliconix UG10FCT Datasheet HTML 2Page - Vishay Siliconix UG10FCT Datasheet HTML 3Page - Vishay Siliconix UG10FCT Datasheet HTML 4Page - Vishay Siliconix UG10FCT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UG(F,B)10FCT & UG(F,B)10GCT, BYT28(F,B)-300 & BYT28(F,B)-400
Vishay General Semiconductor
Document Number: 88552
Revision: 06-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Dual Common-Cathode Ultrafast Soft Recovery Rectifier
FEATURES
• Glass passivated chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AB and
ITO-220AB package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power
supplies,
inverters,
freewheeling
diodes,
dc-to-dc converters, and other power switching
application.
MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
5 A x 2
VRRM
300 V, 400 V
IFSM
60 A
trr
35 ns
VF
1.05 V
TJ max.
150 °C
CASE
PIN 2
PIN 1
PIN 3
TO-220AB
BYT28, UG10 Series
ITO-220AB
BYT28F, UGF10 Series
BYT28B, UGB10 Series
PIN 1
PIN 2
K
HEATSINK
1
2
3
1
2
K
PIN 2
PIN 1
PIN 3
TO-263AB
1
2
3
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYT28-300
UG10FCT
BYT28-400
UG10GCT
UNIT
Maximum repetitive peak reverse voltage
VRRM
300
400
V
Maximum working reverse voltage
VRWM
300
400
V
Maximum RMS voltage
VRMS
210
280
Maximum DC blocking voltage
VDC
300
400
V
Maximum average forward rectified current at TC = 100 °C
total device
per diode
IF(AV)
10
5.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
60
A
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - UG10FCT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG10FCT GE-UG10FCT Datasheet
51Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
More results

Similar Description - UG10FCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYQ28E VISHAY-BYQ28E Datasheet
46Kb / 3P
   Dual Ultrafast Soft Recovery Rectifier
03-Jul-02
BYT28 VISHAY-BYT28 Datasheet
47Kb / 3P
   Dual Ultrafast Soft Recovery Rectifier
15-Apr-02
logo
Advanced Power Technolo...
APT2X100D40J ADPOW-APT2X100D40J Datasheet
35Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D100J ADPOW-APT2X30D100J Datasheet
68Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D30J ADPOW-APT2X30D30J Datasheet
42Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D60J ADPOW-APT2X30D60J Datasheet
67Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D120J ADPOW-APT2X60D120J Datasheet
35Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D30J ADPOW-APT2X60D30J Datasheet
42Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D20J ADPOW-APT2X30D20J Datasheet
42Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D40J ADPOW-APT2X30D40J Datasheet
67Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com