Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACAC061222K131K1PW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ACAC061222K131K1PW
Description  Professional Thin Film Chip Resistor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAC061222K131K1PW Datasheet(HTML) 2 Page - Vishay Siliconix

  ACAC061222K131K1PW Datasheet HTML 1Page - Vishay Siliconix ACAC061222K131K1PW Datasheet HTML 2Page - Vishay Siliconix ACAC061222K131K1PW Datasheet HTML 3Page - Vishay Siliconix ACAC061222K131K1PW Datasheet HTML 4Page - Vishay Siliconix ACAC061222K131K1PW Datasheet HTML 5Page - Vishay Siliconix ACAC061222K131K1PW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 28754
For technical questions, contact: filmresistors.thinfilmarray@vishay.com
www.vishay.com
Revision: 11-Sep-08
269
ACAC 0612, ACAS 0612 - Professional
Professional Thin Film Chip Resistor Array
Vishay Beyschlag
Notes
(1) Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
(2) R1 = R4 ≤ R2 = R3; please refer to APPLICATION INFORMATION, see below
(3) Different resistance values are available on request
(4) Please refer to table TEMPERATURE COEFFICIENT AND RESISTANCE RANGE, see below
(5) Please refer to table PACKAGING, see below
DIMENSIONS ACAC 0612 in millimeters
PART NUMBER AND PRODUCT DESCRIPTION (1)
PART NUMBER: ACASA110012200P500
MODEL
TERMINAL
SIZE
RESISTANCE
VALUE (2) (3)
ACCURACY
GRADE (4)
RESISTANCE
VALUE (2) (3)
PACKAGING (5)
SPECIAL
ACA
C = Concave
S = Convex
A = 0612
3 digit
resistance
value R1, R4
1 digit multiplier
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
TCR and
Tolerance
1
2
3
3 digit
resistance
value R2, R3
1 digit multiplier
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
P1
P5
PW
00 = Standard
PRODUCT DESCRIPTION: ACAS 0612 110R 1 220R P5
ACA
S
0612
110R
1
220R
P5
MODEL
TERMINATION
SIZE
RESISTANCE
VALUE R1, R4 (2) (3)
ACCURACY
GRADE (4)
RESISTANCE
VALUE R2, R3 (2) (3)
PACKAGING (5)
ACA = Chip Array
C = Concave
S = Convex
0612
110R = 110
Ω
1K1 = 1.1 k
Ω
22K1 = 22.1 k
Ω
TCR and
Tolerance
1
2
3
220R = 220
Ω
1K1 = 1.1 k
Ω
22K1 = 22.1 k
Ω
P1
P5
PW
PACKAGING
MODEL
TAPE WIDTH
DIAMETER
PIECES
PITCH
PACKAGING CODE
PAPER TAPE
ACAC 0612
ACAS 0612
8 mm
180 mm/7"
1000
4 mm
P1
8 mm
180 mm/7"
5000
4 mm
P5
8 mm
330 mm/13"
10 000
4 mm
PW
DIMENSIONS - chip resistor array, mass and relevant physical dimensions
TYPE
L
(mm)
W
(mm)
H
(mm)
P
(mm)
WT
(mm)
T1
(mm)
T2
(mm)
d
(mm)
l1
(mm)
l2
(mm)
MASS
(mg)
ACAC 0612
1.6 ± 0.15 3.2 ± 0.15 0.55 ± 0.1 0.8 ± 0.1 0.5 ± 0.15 0.3 ± 0.15 0.4 ± 0.15 0.3 ± 0.1
min. 0.15 min. 0.25
9.53
I1
T1
WT
I2
T2
WT
Top view
Bottom view
S
A
11
00
1
2
0
C
A
A
20
50
P0


Similar Part No. - ACAC061222K131K1PW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAC061222K1A1K1P1 VISHAY-ACAC061222K1A1K1P1 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC061222K1A1K1P5 VISHAY-ACAC061222K1A1K1P5 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC061222K1A1K1PW VISHAY-ACAC061222K1A1K1PW Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC061222K1A220RP1 VISHAY-ACAC061222K1A220RP1 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC061222K1A220RP5 VISHAY-ACAC061222K1A220RP5 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results

Similar Description - ACAC061222K131K1PW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASPROF VISHAY-ACASPROF Datasheet
120Kb / 7P
   Professional Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com