Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5509DC Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI5509DC
Description  N- and P-Channel 20-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5509DC Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI5509DC Datasheet HTML 2Page - Vishay Siliconix SI5509DC Datasheet HTML 3Page - Vishay Siliconix SI5509DC Datasheet HTML 4Page - Vishay Siliconix SI5509DC Datasheet HTML 5Page - Vishay Siliconix SI5509DC Datasheet HTML 6Page - Vishay Siliconix SI5509DC Datasheet HTML 7Page - Vishay Siliconix SI5509DC Datasheet HTML 8Page - Vishay Siliconix SI5509DC Datasheet HTML 9Page - Vishay Siliconix SI5509DC Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Si5509DC
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 73629
S–60417—Rev. A, 20-Mar-06
TYPICAL CHARACTERISTICS (25 _C UNLESS NOTED)
NCHANNEL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
0
25
50
75
100
125
150
Package Limited
Current De-Rating*
Power De-Rating
TC – Case Temperature (_C)
TC – Case Temperature (_C)
*The power dissipation PD is based on TJ(max) = 150 _C, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for
cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.


Similar Part No. - SI5509DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5509DC VISHAY-SI5509DC Datasheet
356Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5509DC VISHAY-SI5509DC Datasheet
161Kb / 12P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI5509DC VISHAY-SI5509DC_V01 Datasheet
161Kb / 12P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI5509DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com