Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT79157X06R3A2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # CT79157X06R3A2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CT79157X06R3A2 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button CT79157X06R3A2 Datasheet HTML 2Page - Vishay Siliconix CT79157X06R3A2 Datasheet HTML 3Page - Vishay Siliconix CT79157X06R3A2 Datasheet HTML 4Page - Vishay Siliconix CT79157X06R3A2 Datasheet HTML 5Page - Vishay Siliconix CT79157X06R3A2 Datasheet HTML 6Page - Vishay Siliconix CT79157X06R3A2 Datasheet HTML 7Page - Vishay Siliconix CT79157X06R3A2 Datasheet HTML 8Page - Vishay Siliconix CT79157X06R3A2 Datasheet HTML 9Page - Vishay Siliconix CT79157X06R3A2 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 40053
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 29-Jun-07
53
735D, 735DE, CT79 (CECC 30202)
Wet Tantalum Capacitors with Glass to
Tantalum Hermetic Seal CECC 30202 Approved
Vishay
STANDARD RATINGS to mil range CLR79
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX.
ESR
at
+ 25 °C
120 Hz
(
Ω)
MAX.
IMP.
at
- 55 °C
(
Ω)
MAX. DCL
IN (µA) at
MAX. CAP. CHANGE
(%) at
MAX. RMS
RIPPLE
CURRENT
40 kHz
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
60 VDC at + 85 °C, 40 VDC at + 125 °C, 30 VDC at + 200 °C
4.0
A
735D405X0060A2
9.3
550
0.75
2.0
- 16
+ 6
+ 6
525
8.2
A
735D825X0060A2
6.6
275
0.75
2.0
- 20
+ 9
+ 9
625
20
B
735D206X0060B2
4.0
105
1.0
4.0
- 16
+ 12
+ 12
1026
39
B
735D396X0060B2
3.0
90
1.0
4.0
- 24
+ 12
+ 12
1185
50
C
735D506X0060C2
2.6
50
2.0
7.0
- 16
+ 12
+ 12
1341
68
C
735D686X0060C2
2.4
50
2.0
7.0
- 30
+ 15
+ 15
1393
82
B
735D826X0060B2
3.2
70
2.0
7.0
- 36
+ 15
+ 15
1150
140
D
735D147X0060D2
1.3
28
3.0
16
- 40
+ 20
+ 20
1990
220
C
735D227X0060C2
2.6
55
3.0
15
- 50
+ 25
+ 25
1341
270
D
735D277X0060D2
1.5
33
5.0
22
- 70
+ 25
+ 25
1850
330
D
735D337X0060D2
1.5
31
5.0
25
- 72
+ 25
+ 25
1850
75 VDC at + 85 °C, 50 VDC at + 125 °C, 37 VDC at + 200 °C
3.5
A
735D355X0075A2
9.5
650
1.0
2.0
- 16
+ 6
+ 6
525
9.0
A
735D905X0075A2
8.2
280
2.0
5.0
- 20
+ 9
+ 9
572
15
B
735D156X0075B2
5.0
150
1.0
4.0
- 16
+ 9
+ 9
1000
40
C
735D406X0075C2
3.0
60
2.0
8.0
- 16
+ 12
+ 12
1293
43
B
735D436X0075B2
3.8
89
2.0
8.0
- 24
+ 12
+ 12
1051
56
B
735D566X0075B2
3.8
84
2.0
10
- 30
+ 15
+ 15
1051
56
C
735D566X0075C2
2.4
60
2.0
8.0
- 28
+ 15
+ 15
1396
110
D
735D117X0075D2
1.3
29
3.0
20
- 35
+ 20
+ 20
1990
250
D
735D257X0075D2
1.5
33
5.0
22
- 68
+ 25
+ 25
1850
100 VDC at + 85 °C, 70 VDC at + 125 °C, 50 VDC at + 200 °C
30
B
735D306X0100B2
3.7
99
2.0
12
- 16
+ 8
+ 8
1065
30
C
735D306X0100C2
3.3
80
2.0
8.0
- 16
+ 8
+ 8
1200
43
C
735D436X0100C2
2.4
70
2.0
8.0
- 20
+ 8
+ 8
1389
86
D
735D866X0100D2
1.5
30
3.0
20
- 24
+ 15
+ 15
1859
125 VDC at + 85 °C, 85 VDC at + 125 °C, 62 VDC at + 200 °C
3.6
A
735D365X0125A2
11.1
600
1.0
2.0
- 16
+ 8
+ 8
495
14
B
735D146X0125B2
5.0
167
1.0
4.0
- 16
+ 8
+ 8
1050
25
C
735D256X0125C2
2.6
93
2.0
8.0
- 16
+ 8
+ 8
1335
56
D
735D556X0125D2
1.5
47
3.0
20
- 25
+ 15
+ 15
1859


Similar Part No. - CT79157X06R3A2

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CT79 CDIL-CT79 Datasheet
163Kb / 4P
   HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
More results

Similar Description - CT79157X06R3A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D VISHAY-769D_08 Datasheet
89Kb / 6P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Revision: 03-Jul-07
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com