Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ1812X102JXXAC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJ1812X102JXXAC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1812X102JXXAC Datasheet(HTML) 3 Page - Vishay Siliconix

  VJ1812X102JXXAC Datasheet HTML 1Page - Vishay Siliconix VJ1812X102JXXAC Datasheet HTML 2Page - Vishay Siliconix VJ1812X102JXXAC Datasheet HTML 3Page - Vishay Siliconix VJ1812X102JXXAC Datasheet HTML 4Page - Vishay Siliconix VJ1812X102JXXAC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VJ BX Dielectric
Surface Mount Multilayer Ceramic Chip Capacitors
for TCC Critical Applications
Vishay Vitramon
Document Number: 45005
For technical questions, contact: mlcc@vishay.com
www.vishay.com
Revision: 20-Oct-08
53
Not for New Designs
Product Discontinuation
Notes:
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
•• Paper Tape • Plastic Tape
SELECTION CHART
STYLE
VJ0402 VJ0603
VJ0805
VJ1206
VJ1210 (1)
VJ1808 (1)
VJ1812 (1)
VJ1825 (1)
VJ2220 (1) VJ2225 (1)
EIA TYPE
0402
0603
0805
1206
1210
-
1812
1825
-
-
VOLTAGE (Vdc)
25
50
25
50
25
50
100 25
50 100 25
50 100 25 50 100 25
50 100 25
50 100
50
100
25
50
CAP.
CODE
CAP.
101
100 pF
••
121
120 pF
••
••
151
150 pF
••
••
181
180 pF
••
••
221
220 pF
••
••
271
270 pF
••
••
331
330 pF
••
••
391
390 pF
••
••
••
••
••
••
471
470 pF
••
••
••
••
••
••
••
561
560 pF
••
••
••
••
••
••
••
681
680 pF
••
••
••
••
••
••
••
821
820 pF
••
••
••
••
••
••
••
102
1000 pF
••
••
••
••
••
••
••
122
1200 pF
••
••
••
••
••
••
••
152
1500 pF
••
••
••
••
••
••
••
182
1800 pF
••
••
••
••
••
••
••
222
2200 pF
••
••
••
••
••
••
••
272
2700 pF
••
••
••
••
••
••
332
3300 pF
••
••
••
••
••
••
392
3900 pF
••
••
••
••
••
••
472
4700 pF
••
••
••
••
••
562
5600 pF
••
••
••
••
••
682
6800 pF
••
••
••
••
••
822
8200 pF
••
••
••
••
••
103
0.010 µF
••
••
123
0.012 µF
••
153
0.015 µF
••
183
0.018 µF
••
223
0.022 µF
••
••
273
0.027 µF
••
••
333
0.033 µF
••
••
393
0.039 µF
••
••
473
0.047 µF
••
563
0.056 µF
••
••
683
0.068 µF
••
823
0.082 µF
••
104
0.10 µF
••
124
0.12 µF
••
154
0.15 µF
••
184
0.18 µF
••
224
0.22 µF
••
274
0.27 µF
••
334
0.33 µF
••
394
0.39 µF
••
474
0.47 µF
••
564
0.56 µF
••
684
0.68 µF
••
824
0.82 µF
••
105
1.0 µF
••
125
1.2 µF
••
155
1.5 µF
••
185
1.8 µF
••
225
2.2 µF
275
2.7 µF


Similar Part No. - VJ1812X102JXXAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1812 VISHAY-VJ1812 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1812 VISHAY-VJ1812 Datasheet
83Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement
Revision: 29-Sep-08
VJ1812 VISHAY-VJ1812 Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1812 VISHAY-VJ1812 Datasheet
117Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 11-Aug-08
VJ1812 VISHAY-VJ1812 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
More results

Similar Description - VJ1812X102JXXAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0402A1R2BXACW1BC VISHAY-VJ0402A1R2BXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com