Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5463EDC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5463EDC
Description  P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5463EDC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5463EDC Datasheet HTML 1Page - Vishay Siliconix SI5463EDC Datasheet HTML 2Page - Vishay Siliconix SI5463EDC Datasheet HTML 3Page - Vishay Siliconix SI5463EDC Datasheet HTML 4Page - Vishay Siliconix SI5463EDC Datasheet HTML 5Page - Vishay Siliconix SI5463EDC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si5463EDC
Vishay Siliconix
www.vishay.com
2-2
Document Number: 71364
S-21251—Rev. C, 05-Aug-02
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID = --250 mA
--0.45
V
Gate-Body Leakage
IGSS
VDS =0 V, VGS = 4.5 V
1.5
Zero Gate Voltage Drain Current
IDSS
VDS =--16 V, VGS =0 V
--1
mA
Zero Gate Voltage Drain Current
IDSS
VDS =--16 V, VGS =0 V, TJ =85_C
--5
On-State Drain Currenta
ID(on)
VDS --5 V, VGS =--4.5 V
--15
A
VGS =--4.5 V, ID =--4.0 A
0.051
0.062
Drain Source On State Resistancea
rDS( )
VGS =--3.6 V, ID =--3.5 A
0.056
0.068
Drain-Source On-State Resistancea
rDS(on)
VGS =--2.5 V, ID =--3.0 A
0.070
0.085
VGS =--1.8 V, ID =--1.5 A
0.100
0.120
Forward Transconductancea
gfs
VDS =--5 V, ID =--4.0 A
10
S
Diode Forward Voltagea
VSD
IS =--1.0 A, VGS =0 V
--0.75
--1.2
V
Dynamicb
Total Gate Charge
Qg
9.7
15
Gate-Source Charge
Qgs
VDS =--10 V, VGS =--4.5 V, ID =--4.0 A
2.7
nC
Gate-Drain Charge
Qgd
1.4
Turn-On Delay Time
td(on)
1.85
2.5
Rise Time
tr
VDD =--10 V,RL =10 Ω
3.2
4.5
ms
Turn-Off Delay Time
td(off)
VDD = --10 V, RL = 10 Ω
ID ≅ --1 A, VGEN =--4.5 V, RG =6 Ω
1.9
2.5
ms
Fall Time
tf
3.2
4.5
Notes
a.
Pulse test; pulse width ≤ 300 ms, duty cycle ≤ 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
3
6
9
12
15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
3
6
9
12
15
02468
10
VGS = 4.5 thru 3 V
TC =--55_C
125_C
1.5 V
25_C
Output Characteristics
Transfer Characteristics
VDS -- Drain-to-Source Voltage (V)
VGS -- Gate-to-Source Voltage (V)
1V,0.5 V
2.5 V
2V


Similar Part No. - SI5463EDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5463EDC VISHAY-SI5463EDC Datasheet
111Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 05-Aug-02
SI5463EDC-T1 VISHAY-SI5463EDC-T1 Datasheet
111Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 05-Aug-02
More results

Similar Description - SI5463EDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com