Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ1808Y223JXPAC5Z Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VJ1808Y223JXPAC5Z
Description  Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1808Y223JXPAC5Z Datasheet(HTML) 4 Page - Vishay Siliconix

  VJ1808Y223JXPAC5Z Datasheet HTML 1Page - Vishay Siliconix VJ1808Y223JXPAC5Z Datasheet HTML 2Page - Vishay Siliconix VJ1808Y223JXPAC5Z Datasheet HTML 3Page - Vishay Siliconix VJ1808Y223JXPAC5Z Datasheet HTML 4Page - Vishay Siliconix VJ1808Y223JXPAC5Z Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45057
116
Revision: 11-Aug-08
VJ HVArc Guard® X7R
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors
Prohibit Surface Arc-over in High Voltage Applications
Notes:
(1) Vishay Vitramon uses embossed plastic carrier tape and punch paper carrier tape
(2) Paper tape is not available for case sizes > 1206 or for component thickness > 0.035" [0.89 mm]
(3) 1 1/4" reel is standard for large quantities. 13" is maybe use for large “T” dimension parts
(4) REFERENCE: EIA Standard RS 481 - “Taping of Surface Mount Components for Automatic Placement”
(5) N/a = Not available
(6) Packaging quantity can vary with product thickness
Please visit Vishay Website (www.vishay.com) for the following documents:
Contact mlcc.specials@vishay.com with respect to specific part number requirements.
TYPICAL X7R VOLTAGE BREAKDOWN
TYPICAL X7R VOLTAGE BREAKDOWN
(n = 50, 500 V/s applied)
0
500
1000
1500
2000
2500
3000
3500
250 Vdc
500 Vdc
630 Vdc
1000 Vdc
PART RATED VOLTAGE
TYPICAL TERMINATION TO TERMINATION SURFACE ARCING ON MLCCS (shown in polarized light)
STANDARD PACKAGING QUANTITIES
BODY SIZE
TAPE SIZE
7" REEL QUANTITIES
QUANTITIES
11 1/4" AND 13" REEL QUANTITIES
PAPER TAPE
PACKAGING CODE
PLASTIC TAPE
PACKAGING CODE
PAPER TAPE
PACKAGING CODE
PLASTIC TAPE
PACKAGING CODE
0805
8 mm
C: 3000
T: 3000
P: 10 000
R: 10 000
1206
8 mm
N/a
T: 2500
N/a
R: 10 000
1210
8 mm
N/a
T: 2500
N/a
R: 10 000
1808
12 mm
N/a
T: 2500
N/a
R: 10 000
1812
12 mm
N/a
T: 1000
N/a
R: 5000


Similar Part No. - VJ1808Y223JXPAC5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1808Y223 VISHAY-VJ1808Y223 Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1808Y223KXEAT5Z VISHAY-VJ1808Y223KXEAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
More results

Similar Description - VJ1808Y223JXPAC5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A121JXRAT5Z VISHAY-VJ0805A121JXRAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
VJ0805 VISHAY-VJ0805 Datasheet
134Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 26-Feb-10
VJHVARC VISHAY-VJHVARC Datasheet
189Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 23-Nov-16
VJHVARCGUARD VISHAY-VJHVARCGUARD Datasheet
184Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
01-Jan-2023
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com