Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ1206A102KXGAP5Z Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ1206A102KXGAP5Z
Description  Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1206A102KXGAP5Z Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ1206A102KXGAP5Z Datasheet HTML 1Page - Vishay Siliconix VJ1206A102KXGAP5Z Datasheet HTML 2Page - Vishay Siliconix VJ1206A102KXGAP5Z Datasheet HTML 3Page - Vishay Siliconix VJ1206A102KXGAP5Z Datasheet HTML 4Page - Vishay Siliconix VJ1206A102KXGAP5Z Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VJ Non-Magnetic Series C0G (NP0)/X7R/X5R Dielectric
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors
for Non-Magnetic Applications
www.vishay.com
For technical questions, contact: mlcc@vishay.com
Document Number: 45128
2
Revision: 26-Feb-10
Notes
(1) DC voltage rating should not be exceeded in application
(2) Selected values for X5R, see selection chart
(3) Soldering recommendations see Vishay Vitramon MLCC End Terminations www.vishay.com/doc?45063
and VJ Soldering recommendations www.vishay.com/doc?45034
ORDERING INFORMATION
VJ0805
Y
102
K
N
A
A
T
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC
VOLTAGE
MARKING
PACKAGING
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
3640
A= C0G
Y = X7R
G = X5R
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier. An
“R” indicates a
decimal point.
Examples:
102 = 1000 pF
1R0 = 1.8 pF
C0G (NP0):
< 10 pF
C = ± 0.25 pF
D = 0.5 pF
≥ 10 pF
F = ± 1 %
G = ± 2 %
H = ± 3 %
J = ± 5 %
K = ± 10 %
X5R/X7R:
J = ± 5 %
K = ± 10 %
M = ± 20 %
N = Non-
magnetic
Q = 10 V
J = 16 V
X = 25 V
A = 50 V
B = 100 V
C = 200 V
E = 500 V
L = 630 V
G =1000 V
R = 1500 V
F = 2000 V
H = 3000 V
A = Unmarked
M = Marked
Note
Marking is only
available for
0805 and 1206
T = 7" reel/plastic tape
C = 7" reel/paper tape
R = 11 1/4" reel/plastic tape
P = 11 1/4" reel/paper tape
O = 7" reel/flamed paper tape
I = 11 1/4"/13"reel/flamed
paper tape
DIMENSIONS in inches [millimeters]
EIA STYLE
PART
ORDERING
NUMBER
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS
(T)
TERMINATION
(P)
MINIMUM
MAXIMUM
0402
VJ0402
0.040 + 0.004/- 0.002
[1.00 + 0.10/- 0.05]
0.020 + 0.004/- 0.002
[0.50 + 0.10/- 0.05]
0.024
[0.60]
0.004
[0.10]
0.016
[0.41]
0603
VJ0603
0.063 ± 0.005
[1.60 ± 0.12]
0.031 ± 0.005
[0.80 ± 0.12]
0.036
[0.92]
0.012
[0.30]
0.018
[0.46]
0805
VJ0805
0.079 ± 0.008
[2.00 ± 0.20]
0.049 ± 0.008
[1.25 ± 0.20]
0.057
[1.45]
0.010
[0.25]
0.028
[0.71]
1206
VJ1206
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.067
[1.70]
0.010
[0.25]
0.028
[0.71]
1210
VJ1210
0.126 ± 0.008
[3.20 ± 0.20]
0.098 ± 0.008
[2.50 ± 0.20]
0.067
[1.70]
0.010
[0.25]
0.028
[0.71]
-VJ1808
0.177 ± 0.010
[4.50 ± 0.25]
0.080 ± 0.010
[2.03 ± 0.25]
0.067
[1.70]
0.010
[0.25]
0.030
[0.76]
1812
VJ1812
0.177 ± 0.010
[4.50 ± 0.25]
0.126 ± 0.008
[3.20 ± 0.20]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
1825
VJ1825
0.177 ± 0.010
[4.50 ± 0.25]
0.252 ± 0.010
[6.40 ± 0.25]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
-VJ2220
0.220 ± 0.008
[5.59 ± 0.20]
0.200 ± 0.010
[5.08 ± 0.25]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
-VJ2225
0.220 ± 0.010
[5.59 ± 0.25]
0.250 ± 0.010
[6.35 ± 0.25]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
-VJ3640
0.360 ± 0.015
[9.14 ± 0.38]
0.400 ± 0.015
[10.20 ± 0.38]
0.086
[2.18]
0.010
[0.25]
0.030
[0.76]
L
W
T
MAX.
P


Similar Part No. - VJ1206A102KXGAP5Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VJ1206A102KXX TI1-VJ1206A102KXX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
More results

Similar Description - VJ1206A102KXGAP5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A121JXRAT5Z VISHAY-VJ0805A121JXRAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
VJ0805Y VISHAY-VJ0805Y Datasheet
117Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 11-Aug-08
VJHVARC VISHAY-VJHVARC Datasheet
189Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 23-Nov-16
VJHVARCGUARD VISHAY-VJHVARCGUARD Datasheet
184Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
01-Jan-2023
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com