Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP32230 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP32230
Description  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP32230 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP32230 Datasheet HTML 1Page - Vishay Siliconix TSOP32230 Datasheet HTML 2Page - Vishay Siliconix TSOP32230 Datasheet HTML 3Page - Vishay Siliconix TSOP32230 Datasheet HTML 4Page - Vishay Siliconix TSOP32230 Datasheet HTML 5Page - Vishay Siliconix TSOP32230 Datasheet HTML 6Page - Vishay Siliconix TSOP32230 Datasheet HTML 7Page - Vishay Siliconix TSOP32230 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 81747
www.vishay.com
Rev. 1.2, 19-Aug-08
97
IR Receiver Modules for Remote Control Systems
TSOP322.., TSOP324..
Vishay Semiconductors
MECHANICAL DATA
Pinning:
1 = OUT, 2 = VS, 3 = GND
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Improved shielding against EMI
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
DESCRIPTION
The
TSOP322..,
TSOP324..
series
are
miniaturized
receivers for infrared remote control systems. A PIN diode
and a preamplifier are assembled on a lead frame, the epoxy
package acts as an IR filter.
The demodulated output signal can be directly decoded by a
microprocessor. The TSOP322.. is compatible with all
common IR remote control data formats. The TSOP324.. is
optimized to suppress almost all spurious pulses from
energy saving fluorescent lamps but will also suppress some
data signals.
This component has not been qualified according to
automotive specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
16672
1
2
3
e3
PARTS TABLE
CARRIER FREQUENCY
STANDARD APPLICATIONS (AGC2/AGC8)
VERY NOISY ENVIRONMENTS (AGC4)
30 kHz
TSOP32230
TSOP32430
33 kHz
TSOP32233
TSOP32433
36 kHz
TSOP32236
TSOP32436
38 kHz
TSOP32238
TSOP32438
40 kHz
TSOP32240
TSOP32440
56 kHz
TSOP32256
TSOP32456
30 k
Ω
2
3
1
V
S
OUT
Demo-
GND
pass
AGC
Input
PIN
Band
dulator
Control circuit
16835
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170_5
OUT
R
1 and C1 are recommended for protection against EOS.
Components should be in the range of 33
Ω < R
1 < 1 kΩ,
C
1 > 0.1 µF.


Similar Part No. - TSOP32230

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP32230 VISHAY-TSOP32230 Datasheet
195Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 31-Jan-05
TSOP32230UH1 VISHAY-TSOP32230UH1 Datasheet
252Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1, 28-Apr-03
More results

Similar Description - TSOP32230

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com