Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT79128X06R3D2 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # CT79128X06R3D2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CT79128X06R3D2 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button CT79128X06R3D2 Datasheet HTML 2Page - Vishay Siliconix CT79128X06R3D2 Datasheet HTML 3Page - Vishay Siliconix CT79128X06R3D2 Datasheet HTML 4Page - Vishay Siliconix CT79128X06R3D2 Datasheet HTML 5Page - Vishay Siliconix CT79128X06R3D2 Datasheet HTML 6Page - Vishay Siliconix CT79128X06R3D2 Datasheet HTML 7Page - Vishay Siliconix CT79128X06R3D2 Datasheet HTML 8Page - Vishay Siliconix CT79128X06R3D2 Datasheet HTML 9Page - Vishay Siliconix CT79128X06R3D2 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40053
54
Revision: 29-Jun-07
735D, 735DE, CT79 (CECC 30202)
Vishay
Wet Tantalum Capacitors with Glass to
Tantalum Hermetic Seal CECC 30202 Approved
CT79 STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX.
DF
at
+ 25 °C
(%)
MAX.
IMP.
at
- 55 °C
(
Ω)
MAX. DCL
IN (µA) at
MAX. CAP. CHANGE
(%) at
MAX. RMS
RIPPLE
CURRENT
40 kHz
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6.3 VDC at + 85 °C, 4 VDC at + 125 °C, 3 VDC at + 200 °C
68
A
CT79686X06R3A2
15
72
1
12
- 40
+ 14
+ 16
960
270
B
CT79277X06R3B2
41
30
1
7
- 44
+ 17.5
+ 20
1375
560
C
CT79567X06R3C2
55
30
2
16
- 64
+ 17.5
+ 20
1900
1200
D
CT79128X06R3D2
94
24
4
16
- 80
+ 25
+ 25
2265
10 VDC at + 85 °C, 6.3 VDC at + 125 °C, 5 VDC at + 200 °C
47
A
CT79476X00l0A2
14
120
1
2
- 36
+ 14
+ 16
855
180
B
CT79187X00l0B2
29
48
1
7
- 36
+ 14
+ 16
1300
390
C
CT79397X00l0C2
44
30
2
16
- 64
+ 17.5
+ 20
1800
820
D
CT79827X00l0D2
65
28
4
16
- 80
+ 25
+ 25
2360
16 VDC at + 85 °C, 10 VDC at + 125 °C, 8 VDC at + 200 °C
33
A
CT79336X0016A2
10
108
1
2
- 28
+ 14
+ 16
820
120
B
CT79127X0016B2
24
60
1
9
- 28
+ 17.5
+ 20
1230
270
C
CT79277X0016C2
45
36
2
16
- 56
+ 17.5
+ 20
1500
560
D
CT79567X0016D2
44
28
6
24
- 80
+ 25
+ 25
2300
25 VDC at + 85 °C, 16 VDC at + 125 °C, 12 VDC at + 200 °C
22
A
CT79226X0025A2
7
168
1
2
- 20
+ 10.5
+ 12
800
100
B
CT79107X0025B2
21
60
1
10
- 28
+ 13
+ 15
1215
180
C
CT79187X0025C2
29
39
2
18
- 48
+ 13
+ 15
1460
390
D
CT79397X0025D2
40
29
7
28
- 70
+ 25
+ 25
1970
40 VDC at + 85 °C, 25 VDC at + 125 °C, 20 VDC at + 200 °C
12
A
CT79126X0040A2
6
234
1
2
- 24
+ 8
+ 10
660
56
B
CT79566X0040B2
14
78
1
9
- 28
+ 13
+ 15
1100
100
C
CT79107X0040C2
18
48
2
17
- 40
+ 13
+ 15
1400
220
D
CT79227X0040D2
27
31
8
32
- 55
+ 25
+ 25
1900
63 VDC at + 85 °C, 40 VDC at + 125 °C, 31 VDC at + 200 °C
8.2
A
CT79825X0063A2
4.5
330
1
2
- 24
+ 8
+ 9
625
39
B
CT79396X0063B2
12
108
1
9
- 28
+ 10.5
+ 12
1015
68
C
CT79686X0063C2
13
60
2
16
- 32
+ 10.5
+ 12
1365
150
D
CT79157X0063D2
18
34
8
32
- 40
+ 20
+ 20
1850
80 VDC at + 85 °C, 50 VDC at + 125 °C, 40 VDC at + 200 °C
6.8
A
CT79685X0080A2
5
360
1
2
- 20
+ 8
+ 9
610
33
B
CT79336X0080B2
10
108
1
10
- 24
+ 10.5
+ 15
1000
56
C
CT79566X0080C2
11
72
2
17
- 28
+ 10.5
+ 15
1350
100
D
CT79107X0080D2
12
36
9
36
- 35
+ 20
+ 20
1825
100 VDC at + 85 °C, 63 VDC at + 125 °C, 50 VDC at + 200 °C
4.7
A
CT79475X0100A2
3
600
1
2
- 16
+ 7
+ 8
565
22
B
CT79226X0100B2
8
132
1
9
- 16
+ 7
+ 8
935
47
C
CT79476X0100C2
8
84
2
17
20
+ 7
+ 8
1335
82
D
CT79826X0100D2
10
40
9
36
- 25
+ 15
+ 15
1800
125 VDC at + 85 °C, 80 VDC at + 125 °C, 62 VDC at + 200 °C
3.9
A
CT79395X0125A2
3.5
720
1
2
- 16
+ 7
+ 8
495
15
B
CT79156X0125B2
6
200
1
7
- 16
+ 7
+ 8
860
27
C
CT79276X0125C2
6
106
2
13
- 16
+ 7
+ 8
1200
56
D
CT79566X0125D2
7
58
10
40
- 25
+ 15
+ 15
1800


Similar Part No. - CT79128X06R3D2

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CT79 CDIL-CT79 Datasheet
163Kb / 4P
   HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
More results

Similar Description - CT79128X06R3D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D VISHAY-769D_08 Datasheet
89Kb / 6P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Revision: 03-Jul-07
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com