Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ1210Y223JPPAT5Z Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJ1210Y223JPPAT5Z
Description  Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1210Y223JPPAT5Z Datasheet(HTML) 3 Page - Vishay Siliconix

  VJ1210Y223JPPAT5Z Datasheet HTML 1Page - Vishay Siliconix VJ1210Y223JPPAT5Z Datasheet HTML 2Page - Vishay Siliconix VJ1210Y223JPPAT5Z Datasheet HTML 3Page - Vishay Siliconix VJ1210Y223JPPAT5Z Datasheet HTML 4Page - Vishay Siliconix VJ1210Y223JPPAT5Z Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VJ HVArc Guard® X7R
Surface Mount Multilayer Ceramic Chip Capacitors
Prohibit Surface Arc-over in High Voltage Applications
Vishay Vitramon
Document Number: 45057
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 11-Aug-08
115
TYPICAL PARAMETERS
TEMPERATURE °C
MINIMUM INSULATION
RESISTANCE VS. TEMPERATURE
10
25
100 125
10 000
1000
100
10
0
0.5
1.0
1.5
2.0
2.5
3.0
- 100
- 50
0
50
100
150
DISSIPATION FACTOR VS. TEMPERATURE
TEMPERATURE °C
X7R
AGING RATE - X7R
HOURS
1
10
100
1000
10 000
1.0
0.0
- 1.0
- 2.0
- 3.0
- 4.0
- 20
- 15
- 10
- 5
0
5
10
15
- 100
- 50
0
50
100
150
TEMPERATURE COEFFICIENT OF CAPACITANCE
TEMPERATURE °C
X7R
IMPEDANCE VS. FREQUENCY
OF 1206 X7R HVArc Guard® CAPACITORS
0.0100
0.1000
1.0000
10.0000
100.0000
1
10
100
FREQUENCY (MHz)
1000
33 nF 22 nF 15 nF
100 kHz RIPPLE CURRENT
OF 1812 HVArc Guard® X7R CAPACITOR
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
CURRENT (A
rms)
20 °C increase above
1812


Similar Part No. - VJ1210Y223JPPAT5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1210Y223 VISHAY-VJ1210Y223 Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1210Y223 VISHAY-VJ1210Y223 Datasheet
101Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Revision: 29-Sep-08
VJ1210Y223KXEAT5Z VISHAY-VJ1210Y223KXEAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
VJ1210Y223KXGAT5Z VISHAY-VJ1210Y223KXGAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
More results

Similar Description - VJ1210Y223JPPAT5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A121JXRAT5Z VISHAY-VJ0805A121JXRAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
VJ0805 VISHAY-VJ0805 Datasheet
134Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 26-Feb-10
VJHVARC VISHAY-VJHVARC Datasheet
189Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 23-Nov-16
VJHVARCGUARD VISHAY-VJHVARCGUARD Datasheet
184Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
01-Jan-2023
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com