Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP31130 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP31130
Description  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP31130 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP31130 Datasheet HTML 1Page - Vishay Siliconix TSOP31130 Datasheet HTML 2Page - Vishay Siliconix TSOP31130 Datasheet HTML 3Page - Vishay Siliconix TSOP31130 Datasheet HTML 4Page - Vishay Siliconix TSOP31130 Datasheet HTML 5Page - Vishay Siliconix TSOP31130 Datasheet HTML 6Page - Vishay Siliconix TSOP31130 Datasheet HTML 7Page - Vishay Siliconix TSOP31130 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
Document Number: 81763
68
Rev. 1.2, 26-Sep-08
TSOP311.., TSOP313..
Vishay Semiconductors
IR Receiver Modules for
Remote Control Systems
SUITABLE DATA FORMAT
The TSOP311.., TSOP313.. series are designed to suppress
spurious output pulses due to noise or disturbance signals.
Data and disturbance signals can be distinguished by the
devices according to carrier frequency, burst length and
envelope duty cycle. The data signal should be close to the
band-pass center frequency (e.g. 38 kHz) and fulfill the
conditions in the table below.
When a data signal is applied to the TSOP311.., TSOP313..
in the presence of a disturbance signal, the sensitivity of the
receiver is reduced to insure that no spurious pulses are
present at the output. Some examples of disturbance signals
which are suppressed are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signals at any frequency
• Modulated noise from fluorescent lamps with electronic
ballasts
Fig. 15 - IR Signal from Fluorescent Lamp
with Low Modulation
Fig. 16 - IR Signal from Fluorescent Lamp
with High Modulation
Note
For data formats with short bursts please see the data sheet for TSOP381.., TSOP383..
010
15
20
Time (ms)
16920
IR Signal from Fluorescent
Lamp with Low Modulation
5
010
15
20
Time (ms)
16921
IR Signal from Fluorescent
Lamp with High Modulation
10
TSOP311..
TSOP313..
Minimum burst length
6 cycles/burst
6 cycles/burst
After each burst of length
A gap time is required of
6 to 70 cycles
≥ 10 cycles
6 to 35 cycles
≥ 10 cycles
For bursts greater than
A minimum gap time in the data stream is needed of
70 cycles
> 1.2 x burst length
35 cycles
> 6 x burst length
Maximum number of continuous short
bursts/second
2000
2000
Compatible to NEC code
yes
yes
Compatible to RC5/RC6 code
yes
yes
Compatible to Sony code
yes
no
Compatible to RCMM code
yes
yes
Compatible to r-step code
yes
yes
Compatible to XMP code
yes
yes
Suppression of interference from fluorescent lamps
Common disturbance signals are
supressed (Example: Signal pattern of
fig. 15)
Even critical disturbance signals are
suppressed (Examples: Signal pattern
of fig. 15 and fig. 16)


Similar Part No. - TSOP31130

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP31130 VISHAY-TSOP31130 Datasheet
160Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 09-Aug-07
More results

Similar Description - TSOP31130

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com