Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0603Q101DXAAP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ0603Q101DXAAP
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0603Q101DXAAP Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ0603Q101DXAAP Datasheet HTML 1Page - Vishay Siliconix VJ0603Q101DXAAP Datasheet HTML 2Page - Vishay Siliconix VJ0603Q101DXAAP Datasheet HTML 3Page - Vishay Siliconix VJ0603Q101DXAAP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 45050
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 20-Feb-08
49
VJ High Q Dielectric
Surface Mount Multilayer Ceramic Chip Capacitors
for High Frequency Applications
Vishay Vitramon
Notes:
(1) DC voltage rating should not be exceeded in application
(2) Process code may be added with up to three digits, used to control non-standard products and/or special requirements
Note:
See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
•• Available in paper carrier tape only
ORDERING INFORMATION
VJ0805
Q
101
K
X
A
A
C
### (2)
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC VOLTAGE
RATING (1)
MARKING
PACKAGING
PROCESS
CODE
0603
0805
Q = High Q
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier. An “R”
indicates a
decimal point.
Examples:
101 = 100 pF
1R8 = 1.8 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.5 pF
F = ± 1 %
G = ± 2 %
H = ± 3 %
J = ± 5 %
K = ± 10 %
Note:
B, C, D < 10 pF
F, G, H
≥ 10 pF
J, K
≥ 10 pF
X = Ni barrier
100 % tin plated
A = 50 V
B = 100 V
C = 200 V
A = Unmarked
C = 7" reel/paper tape
0603: PU = 4000 pieces
0805: PU = 3000 pieces
P = 11 1/4" reel/paper tape
PU = 10 000 pieces
SELECTION CHART
STYLE
VJ0603
VJ0805
EIA TYPE
0603
0805
VOLTAGE (Vdc)
50
100
200
50
100
200
CAP. CODE
CAP.
1R0
1.0 pF
••
••
••
••
••
1R2
1.2 pF
••
••
••
••
••
1R5
1.5 pF
••
••
••
••
••
1R8
1.8 pF
••
••
••
••
••
2R2
2.2 pF
••
••
••
••
••
2R7
2.7 pF
••
••
••
••
••
3R3
3.3 pF
••
••
••
••
••
3R9
3.9 pF
••
••
••
••
••
4R7
4.7 pF
••
••
••
••
••
5R6
5.6 pF
••
••
••
••
••
6R8
6.8 pF
••
••
••
••
••
8R2
8.2 pF
••
••
••
••
••
100
10 pF
••
••
••
••
••
120
12 pF
••
••
••
••
••
150
15 pF
••
••
••
••
••
180
18 pF
••
••
••
••
••
220
22 pF
••
••
••
••
••
270
27 pF
••
••
••
••
••
330
33 pF
••
••
••
••
••
390
39 pF
••
••
••
••
••
470
47 pF
••
••
••
••
••
560
56 pF
••
••
••
••
••
680
68 pF
••
••
••
••
••
820
82 pF
••
••
••
••
••
101
100 pF
••
••
••
••
••
121
120 pF
••
••
151
150 pF
••
••
181
180 pF
••
••
221
220 pF
••
••
271
270 pF
331
330 pF
Size 0402 available with Vishay Commodity series, see datasheet: http://www.vishay.com/doc?28534


Similar Part No. - VJ0603Q101DXAAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0603Q102CFAAT VISHAY-VJ0603Q102CFAAT Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
Revision 06-Apr-01
VJ0603Q102CFBAT VISHAY-VJ0603Q102CFBAT Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
Revision 06-Apr-01
VJ0603Q102CFCAT VISHAY-VJ0603Q102CFCAT Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
Revision 06-Apr-01
VJ0603Q102CXAAT VISHAY-VJ0603Q102CXAAT Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
Revision 06-Apr-01
VJ0603Q102CXBAT VISHAY-VJ0603Q102CXBAT Datasheet
243Kb / 3P
   Multilayer Ceramic Chip Capacitors
Revision 06-Apr-01
More results

Similar Description - VJ0603Q101DXAAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA31M VISHAY-GA31M Datasheet
205Kb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive High Frequency Applications
01-Jan-2023
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 19-Aug-14
VJHIFREQ VISHAY-VJHIFREQ_V01 Datasheet
263Kb / 25P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
01-Jan-2023
VJ0603 VISHAY-VJ0603_12 Datasheet
121Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 06-Jun-12
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com