Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3495DV Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI3495DV
Description  P-Channel 20-V (D-S), 1.5-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3495DV Datasheet(HTML) 5 Page - Vishay Siliconix

  SI3495DV Datasheet HTML 1Page - Vishay Siliconix SI3495DV Datasheet HTML 2Page - Vishay Siliconix SI3495DV Datasheet HTML 3Page - Vishay Siliconix SI3495DV Datasheet HTML 4Page - Vishay Siliconix SI3495DV Datasheet HTML 5Page - Vishay Siliconix SI3495DV Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 73135
S-71321-Rev. B, 02-Jul-07
www.vishay.com
5
Vishay Siliconix
Si3495DV
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?73135.
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (sec)


Similar Part No. - SI3495DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3495DV VISHAY-SI3495DV Datasheet
235Kb / 3P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
logo
VBsemi Electronics Co.,...
SI3495DV-T1-E3 VBSEMI-SI3495DV-T1-E3 Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
SI3495DV-T1-GE3 VBSEMI-SI3495DV-T1-GE3 Datasheet
450Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI3495DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. B, 04-Feb-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI6435ADQ-T1-GE3 VBSEMI-SI6435ADQ-T1-GE3 Datasheet
978Kb / 8P
   P-Channel 20-V (G-S) MOSFET
SI6423DQ-T1-E3 VBSEMI-SI6423DQ-T1-E3 Datasheet
978Kb / 8P
   P-Channel 20-V (G-S) MOSFET
VBC7P2216 VBSEMI-VBC7P2216_V01 Datasheet
474Kb / 8P
   P-Channel 20-V (G-S) MOSFET
logo
Vishay Siliconix
SI1469DH VISHAY-SI1469DH_08 Datasheet
109Kb / 7P
   P-Channel 20-V (G-S) MOSFET
Rev. A, 29-Jan-07
logo
VBsemi Electronics Co.,...
VBC7P2216 VBSEMI-VBC7P2216 Datasheet
594Kb / 8P
   P-Channel 20-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com