Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

735D186X0050A2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 735D186X0050A2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

735D186X0050A2 Datasheet(HTML) 3 Page - Vishay Siliconix

  735D186X0050A2 Datasheet HTML 1Page - Vishay Siliconix 735D186X0050A2 Datasheet HTML 2Page - Vishay Siliconix 735D186X0050A2 Datasheet HTML 3Page - Vishay Siliconix 735D186X0050A2 Datasheet HTML 4Page - Vishay Siliconix 735D186X0050A2 Datasheet HTML 5Page - Vishay Siliconix 735D186X0050A2 Datasheet HTML 6Page - Vishay Siliconix 735D186X0050A2 Datasheet HTML 7Page - Vishay Siliconix 735D186X0050A2 Datasheet HTML 8Page - Vishay Siliconix 735D186X0050A2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 40053
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 29-Jun-07
49
735D, 735DE, CT79 (CECC 30202)
Wet Tantalum Capacitors with Glass to
Tantalum Hermetic Seal CECC 30202 Approved
Vishay
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX.
DF
at
+ 20 °C
(%)
MAX.
IMP.
at
- 55 °C
(
Ω)
MAX. DCL
IN (µA) at
MAX. CAP. CHANGE
(%) at
MAX. RMS
RIPPLE
CURRENT
40 kHz (mA)
+ 20 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
16 VDC at + 85 °C, 10 VDC at + 125 °C, 8 VDC at + 200 °C
33
A
735D336X0016A2
10
90
1.0
2.0
- 28
+ 14
+ 16
820
47
A
735D476X0016A2
20
100
1.5
3.0
- 28
+ 16
+ 16
760
56
A
735D566X0016A2
22
100
1.5
3.0
- 28
+ 16
+ 16
760
120
B
735D127X0016B2
25
50
1.0
7.0
- 28
+ 14
+ 16
1230
220
B
735D227X0016B2
42
62
2.0
10
- 35
+ 16
+ 16
1215
270
B
735D277X0016B2
55
60
2.0
12
- 45
+ 18
+ 18
1215
330
C
735D337X0016C2
40
30
2.0
14
- 58
+ 18
+ 20
1760
470
D
735D477X0016D2
37
24
3.0
18
- 75
+ 25
+ 25
2100
560
D
735D567X0016D2
40
23
3.0
18
- 80
+ 25
+ 25
2300
680
C
735D687X0016C2
80
42
5.0
20
- 80
+ 25
+ 25
1585
820
C
735D827X0016C2
95
42
6.0
24
- 80
+ 25
+ 25
1585
1000
D
735D108X0016D2
92
25
8.0
32
- 82
+ 25
+ 25
2300
1200
D
736D128X0016D2
103
25
8.0
32
- 84
+ 25
+ 30
2300
25 VDC at + 85 °C, 16 VDC at + 125 °C, 12 VDC at + 200 °C
22
A
735D226X0025A2
7
140
1.0
2.0
- 20
+ 10
+ 12
800
27
A
735D276X0025A2
11
140
1.5
3.0
- 20
+ 12
+ 12
715
33
A
735D336X0025A2
13
130
1.5
3.0
- 24
+ 14
+ 14
715
39
A
735D396X0025A2
16
120
2.0
9.0
- 28
+ 16
+ 16
715
100
B
735D107X0025B2
21
50
1.0
9.0
- 28
+ 13
+ 15
1215
150
B
735D157X0025B2
35
62
2.0
10
- 35
+ 15
+ 15
1130
180
B
735D187X0025B2
35
60
2.0
10
- 48
+ 14
+ 15
1130
220
C
735D227X0025C2
35
33
2.0
13
- 52
+ 18
+ 20
1615
330
D
735D337X0025D2
30
27
3.0
20
- 60
+ 25
+ 25
1865
390
C
735D397X0025C2
48
48
7.0
28
- 70
+ 25
+ 25
1400
390
D
735D397X0025D2
35
24
3.0
20
- 68
+ 25
+ 25
2025
470
C
735D477X0025C2
48
48
7.0
28
- 76
+ 25
+ 25
1400
560
C
735D567X0025C2
60
48
7.0
28
- 80
+ 25
+ 25
1400
680
D
735D687X0025D2
60
24
8.0
32
- 80
+ 25
+ 25
1940
820
D
735D827X0025D2
82
26
8.0
32
- 80
+ 25
+ 25
1865
40 VDC at + 85 °C, 25 VDC at + 125 °C, 20 VDC at + 200 °C
15
A
735D156X0040A2
7
175
1.0
2.0
- 20
+ 10
+ 12
660
18
A
735D186X0040A2
10
200
1.5
4.0
- 20
+ 12
+ 12
580
22
A
735D226X0040A2
11
190
1.5
4.0
- 24
+ 12
+ 12
580
68
B
735D686X0040B2
15
60
1.0
8.0
- 24
+ 13
+ 15
1285
100
B
735D107X0040B2
25
60
2.0
10
- 40
+ 15
+ 15
1285
120
B
735D127X0040B2
30
62
2.0
12
- 32
+ 15
+ 15
1245
150
C
735D157X0040C2
23
35
2.0
12
- 48
+ 14
+ 15
1525
220
D
735D227X0040D2
23
27
3.0
22
- 58
+ 23
+ 23
1900
270
C
735D277X0040C2
37
52
7.0
28
- 60
+ 25
+ 25
1375
330
C
735D337X0040C2
43
52
8.0
32
- 65
+ 25
+ 25
1375
390
D
735D397X0040D2
43
30
8.0
32
- 75
+ 25
+ 25
1900
470
D
735D477X0040D2
45
30
9.0
36
- 80
+ 25
+ 25
1900


Similar Part No. - 735D186X0050A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results

Similar Description - 735D186X0050A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D VISHAY-769D_08 Datasheet
89Kb / 6P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Revision: 03-Jul-07
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com