Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACAS061222K1K220RP1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ACAS061222K1K220RP1
Description  Precision Thin Film Chip Resistor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS061222K1K220RP1 Datasheet(HTML) 4 Page - Vishay Siliconix

  ACAS061222K1K220RP1 Datasheet HTML 1Page - Vishay Siliconix ACAS061222K1K220RP1 Datasheet HTML 2Page - Vishay Siliconix ACAS061222K1K220RP1 Datasheet HTML 3Page - Vishay Siliconix ACAS061222K1K220RP1 Datasheet HTML 4Page - Vishay Siliconix ACAS061222K1K220RP1 Datasheet HTML 5Page - Vishay Siliconix ACAS061222K1K220RP1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 28751
For technical questions, contact: filmresistors.thinfilmarray@vishay.com
www.vishay.com
Revision: 11-Sep-08
279
ACAC 0612, ACAS 0612 - Precision
Precision Thin Film Chip Resistor Array
Vishay Beyschlag
APPLICATION INFORMATION
DESCRIPTION
The production of the components is strictly controlled and
follows an extensive set of instructions established for
reproducibility. A homogeneous film of metal alloy is
deposited on a high grade (96 % Al2O3) ceramic substrate
and conditioned to achieve the desired temperature
coefficient. Specially designed inner contacts are realised on
both sides. A special laser is used to achieve the target value
by smoothly cutting a meander groove in the resistive layer
without damaging the ceramics.
The resistor elements are covered by a protective coating
designed for electrical, mechanical and climatic protection.
The terminations receive a final pure tin on nickel plating.
The result of the determined production is verified by an
extensive
testing
procedure
and
optical
inspection
performed on 100 % of the individual chip resistors. Only
accepted products are laid directly into the paper tape in
accordance with IEC 60286-3*.
ASSEMBLY
The resistors are suitable for processing on automatic
SMD assembly systems. They are suitable for automatic
soldering using reflow or vapour phase as shown in
IEC 61760-1*. For ACAC resistor arrays automatic soldering
using wave can also be used. The encapsulation is resistant
to all cleaning solvents commonly used in the electronics
industry, including alcohols, esters and aqueous solutions.
The suitability of conformal coatings, if applied, shall be
qualified by appropriate means to ensure the long-term
stability of the whole system. The resistors are RoHS
compliant; the pure tin plating provides compatibility with
lead (Pb)-free and lead-containing soldering processes. The
permitted storage time is 20 years, whereas the solderability
is specified for 2 years after production or requalification. The
immunity of the plating against tin whisker growth has been
proven under extensive testing.
All
products
comply
with
the
GADSL (1)
and
the
CEFIC-EECA-EICTA (2)
list
of
legal
restrictions
on
hazardous substances. This includes full compliance with
the following directives:
• 2000/53/EC End of Vehicle life Directive (ELV) and
Annex II (ELV II)
• 2002/95/EC Restriction of the use of Hazardous
Substances directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
APPROVALS
Where applicable, the resistors are tested in accordance with
EN 140401-801 which refers to EN 60115-1 and EN 140400.
Notes
(1) Global Automotive Declarable Substance List, see www.gadsl.org
(2) CEFIC (European Chemical Industry Council), EECA (European Electronic Component Manufacturers Association), EICTA (European trade
organisation representing the information and communications technology and consumer electronics), see www.eicta.org
→ issues →
environment policy
→ chemicals → chemicals for electronics
• The quoted IEC standards marked with an asterisk (*) are also released as EN standards with the same number and identical contents
R1
R2
R3
R4
Circuit Type 03


Similar Part No. - ACAS061222K1K220RP1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS061222K1K220RATP1 VISHAY-ACAS061222K1K220RATP1 Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS061222K1K220RATP5 VISHAY-ACAS061222K1K220RATP5 Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results

Similar Description - ACAS061222K1K220RP1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
Vishay Siliconix
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com