Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

735D256X0030A2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 735D256X0030A2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

735D256X0030A2 Datasheet(HTML) 2 Page - Vishay Siliconix

  735D256X0030A2 Datasheet HTML 1Page - Vishay Siliconix 735D256X0030A2 Datasheet HTML 2Page - Vishay Siliconix 735D256X0030A2 Datasheet HTML 3Page - Vishay Siliconix 735D256X0030A2 Datasheet HTML 4Page - Vishay Siliconix 735D256X0030A2 Datasheet HTML 5Page - Vishay Siliconix 735D256X0030A2 Datasheet HTML 6Page - Vishay Siliconix 735D256X0030A2 Datasheet HTML 7Page - Vishay Siliconix 735D256X0030A2 Datasheet HTML 8Page - Vishay Siliconix 735D256X0030A2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40053
48
Revision: 29-Jun-07
735D, 735DE, CT79 (CECC 30202)
Vishay
Wet Tantalum Capacitors with Glass to
Tantalum Hermetic Seal CECC 30202 Approved
DIMENSIONS in inches [millimeters]
CASE CODE
D
L1
L2
(Max.)
E
WEIGHT
(g)
(Max.)
TYPE
735D
DCLR 79/81
EQUIV.
A
T1
0.188 ± 0.016
[4.78 ± 0.41]
0.453 + 0.031 - 0.016
[11.51 + 0.79 - 0.41]
0.734
[18.64]
1.500 ± 0.250 [
38.10 ± 6.35]
2.6
B
T2
0.281 ± 0.016
[7.14 ± 0.41]
0.641 + 0.031 - 0.016
[16.28 + 0.79 - 0.41]
0.922
[23.42]
2.250 ± 0.250
[57.15 ± 6.35]
6.2
C
T3
0.375 ± 0.016
[9.53 ± 0.41]
0.766 + 0.031 - 0.016
[19.46 + 0.79 - 0.41]
1.047
[26.59]
2.250 ± 0.250
[57.15 ± 6.35]
11.6
D
T4
0.375 ± 0.016 [
9.53 ± 0.41]
1.062 + 0.031 - 0.016
[26.97 + 0.79 - 0.41]
1.343
[34.11]
2.250 ± 0.250
[57.15 ± 6.35]
17.7
Note
* For insulated parts, add 0.007" [0.178] to the diameter. The insulation shall lap over the ends of the capacitor body.
D
E
E
L
2
L
1
TANTALUM
WELD
0.0253 ± 0.002 [0.64 ± 0.05] DIA.
(NO. 22 AWG) TINNED NICKEL LEADS
SOLDERABLE AND WELDABLE
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX.
DF
at
+ 20 °C
(%)
MAX.
IMP.
at
- 55 °C
(
Ω)
MAX. DCL
IN (µA) at
MAX. CAP. CHANGE
(%) at
MAX. RMS
RIPPLE
CURRENT
40 kHz (mA)
+ 20 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6.3 VDC at + 85 °C, 4 V at + 125 °C, 3 VDC at + 200 °C
68
A
735D686X06R3A
15
60
1.0
2.0
- 40
+ 14
+ 16
960
120
A
735D127X06R3A
21
81
1.5
3.0
- 41
+ 15
+ 16
820
150
A
735D157X06R3A
34
80
2.0
9.0
- 42
+ 16
+ 16
820
220
B
735D227X06R3B
40
30
1.0
6.5
- 44
+ 16
+ 18
1370
470
B
735D477X06R3B
90
46
2.0
10
- 60
+ 20
+ 20
1285
560
B
735D567X06R3B
106
48
2.0
10
- 68
+ 20
+ 20
1255
560
C
735D567X06R3C
50
25
2.0
16
- 64
+ 18
+ 20
1900
1000
D
735D108X06R3D
72
22
3.0
14
- 80
+ 25
+ 25
2390
1500
C
735D158X06R3C
172
36
5.0
20
- 90
+ 25
+ 25
1615
2200
D
735D228X06R3D
170
22
6.0
24
- 90
+ 25
+ 25
2265
10 VDC at + 85 °C, 7 VDC at + 125 °C, 5 VDC at + 200 °C
47
A
735D476X0010A2
13
100
1.0
2.0
- 36
+ 14
+ 16
855
68
A
735D686X0010A2
21
85
1.5
3.0
- 40
+ 15
+ 16
820
82
A
735D826X0010A2
25
84
2.0
6.0
- 40
+ 16
+ 16
820
100
A
735D107X0010A2
30
82
2.0
6.0
- 40
+ 16
+ 16
820
150
B
735D157X0010B2
30
45
1.0
7.0
- 32
+ 14
+ 16
1275
180
B
735D187X0010B2
30
40
1.0
7.0
- 35
+ 14
+ 16
1300
330
B
735D337X0010B2
65
52
2.0
10
- 54
+ 17
+ 18
1195
390
B
735D397X0010B2
74
54
2.0
10
- 60
+ 19
+ 20
1195
470
C
735D477X0010C2
44
25
2.0
15
- 65
+ 18
+ 20
1800
680
D
735D687X0010D2
46
20
3.0
16
- 80
+ 25
+ 25
2490
820
D
735D827X0010D2
57
22
3.0
16
- 80
+ 25
+ 25
2360
1000
C
735D108X0010C2
92
36
4.0
16
- 80
+ 25
+ 25
1720
1200
C
735D128X0010C2
137
36
5.0
20
- 80
+ 25
+ 25
1720
1500
D
735D158X0010D2
114
23
7.0
25
- 88
+ 30
+ 30
2360
1800
D
735D188X0010D2
138
24
7.0
25
- 88
+ 30
+ 30
2360


Similar Part No. - 735D256X0030A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results

Similar Description - 735D256X0030A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D VISHAY-769D_08 Datasheet
89Kb / 6P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Revision: 03-Jul-07
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com