Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ1210A1R8DFXAT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VJ1210A1R8DFXAT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1210A1R8DFXAT Datasheet(HTML) 4 Page - Vishay Siliconix

  VJ1210A1R8DFXAT Datasheet HTML 1Page - Vishay Siliconix VJ1210A1R8DFXAT Datasheet HTML 2Page - Vishay Siliconix VJ1210A1R8DFXAT Datasheet HTML 3Page - Vishay Siliconix VJ1210A1R8DFXAT Datasheet HTML 4Page - Vishay Siliconix VJ1210A1R8DFXAT Datasheet HTML 5Page - Vishay Siliconix VJ1210A1R8DFXAT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VJ C0G (NP0) Dielectric
Surface Mount Multilayer Ceramic Chip Capacitors
for Commercial Applications
Vishay Vitramon
Document Number: 45053
For technical questions, contact: mlcc@vishay.com
www.vishay.com
Revision: 28-Aug-08
41
Note:
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
• Plastic tape
SELECTION CHART
STYLE
VJ1808 (1)
VJ1812 (1)
VJ1825 (1)
VJ2220 (1)
VJ2225 (1)
EIA TYPE
-
1812
1825
-
-
VOLTAGE (Vdc)
50 100 200
500 1000
50 100 200 500 1000 50 100
200
500
50 100 200 500
1000
50
100
200
500
CAP.
CODE
CAP.
1R0
1.0 pF
1R2
1.2 pF
1R5
1.5 pF
1R8
1.8 pF
2R2
2.2 pF
2R7
2.7 pF
3R3
3.3 pF
3R9
3.9 pF
4R7
4.7 pF
5R6
5.6 pF
6R8
6.8 pF
8R2
8.2 pF
100
10 pF
120
12 pF
150
15 pF
180
18 pF
220
22 pF
270
27 pF
330
33 pF
390
39 pF
470
47 pF
560
56 pF
680
68 pF
820
82 pF
101
100 pF
121
120 pF
151
150 pF
181
180 pF
221
220 pF
271
270 pF
331
330 pF
391
390 pF
471
470 pF
561
560 pF
681
680 pF
821
820 pF
102
1000 pF
122
1200 pF
152
1500 pF
182
1800 pF
222
2200 pF
272
2700 pF
332
3300 pF
392
3900 pF
472
4700 pF
562
5600 pF
682
6800 pF
822
8200 pF
103
0.010 µF
123
0.012 µF
153
0.015 µF
183
0.018 µF
223
0.022 µF
273
0.027 µF
333
0.033 µF
393
0.039 µF
473
0.047 µF
••
563
0.056 µF


Similar Part No. - VJ1210A1R8DFXAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1210A1R8DLJAC2L VISHAY-VJ1210A1R8DLJAC2L Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1210A1R8DLJAC5G VISHAY-VJ1210A1R8DLJAC5G Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1210A1R8DLJAC68 VISHAY-VJ1210A1R8DLJAC68 Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1210A1R8DLJAP2L VISHAY-VJ1210A1R8DLJAP2L Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJ1210A1R8DLJAP5G VISHAY-VJ1210A1R8DLJAP5G Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
More results

Similar Description - VJ1210A1R8DFXAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
01-Jan-2023
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ0805Y102KXBMT VISHAY-VJ0805Y102KXBMT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0805A150JXAMT VISHAY-VJ0805A150JXAMT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com