Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0805A102MXGAR5Z Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VJ0805A102MXGAR5Z
Description  Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0805A102MXGAR5Z Datasheet(HTML) 5 Page - Vishay Siliconix

  VJ0805A102MXGAR5Z Datasheet HTML 1Page - Vishay Siliconix VJ0805A102MXGAR5Z Datasheet HTML 2Page - Vishay Siliconix VJ0805A102MXGAR5Z Datasheet HTML 3Page - Vishay Siliconix VJ0805A102MXGAR5Z Datasheet HTML 4Page - Vishay Siliconix VJ0805A102MXGAR5Z Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 45128
For technical questions, contact: mlcc@vishay.com
www.vishay.com
Revision: 26-Feb-10
5
VJ Non-Magnetic Series C0G (NP0)/X7R/X5R Dielectric
Surface Mount Multilayer Ceramic Chip Capacitors
for Non-Magnetic Applications
Vishay Vitramon
SELECTION CHART
DIELECTRIC
C0G (NP0)
EIA CODE
1808
1812
1825
VOLTAGE (VDC) 25 50 100 200 500 630 1000 1500 2000 3000 25 50 100 200 500 630 1000 1500 2000 3000 25 50 100 200 500 630 1000
VOLTAGE CODE X A
BC
E
L
G
R
F
H
X A
B
C
EL
G
R
F
H
X A
B
C
E
L
G
CAP.
CODE
CAP.
100
10 pF
•••
120
12 pF
•••
150
15 pF
•••
180
18 pF
•••
220
22 pF
••
••
270
27 pF
••
••
330
33 pF
••
••
390
39 pF
••
••
470
47 pF
••
••
560
56 pF
••
••
680
68 pF
••
••
820
82 pF
••
••
101
100 pF
••
••
121
120 pF
•••
151
150 pF
•••
181
180 pF
•••
221
220 pF
•••
271
270 pF
•••
331
330 pF
•••
391
390 pF
•••
471
470 pF
•••
561
560 pF
•••
681
680 pF
•••
821
820 pF
•••
102
1000 pF
•••
122
1200 pF
•••
152
1500 pF
•••
182
1800 pF
•••
222
2200 pF
•••
272
2700 pF
•••
332
3300 pF
•••
392
3900 pF
•••
472
4700 pF
••
562
5600 pF
••
682
6800 pF
••
822
8200 pF
••
103
0.010 µF
••
123
0.012 µF
••
153
0.015 µF
••
183
0.018 µF
••
223
0.022 µF
••
273
0.027 µF
••
333
0.033 µF
••
393
0.039 µF
••
473
0.047 µF
563
0.056 µF
683
0.068 µF


Similar Part No. - VJ0805A102MXGAR5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A102BFAAT VISHAY-VJ0805A102BFAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ0805A102BFAAT VISHAY-VJ0805A102BFAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
VJ0805A102BFXAT VISHAY-VJ0805A102BFXAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ0805A102BFXAT VISHAY-VJ0805A102BFXAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
VJ0805A102BXAAT VISHAY-VJ0805A102BXAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
More results

Similar Description - VJ0805A102MXGAR5Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A121JXRAT5Z VISHAY-VJ0805A121JXRAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
VJ0805Y VISHAY-VJ0805Y Datasheet
117Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 11-Aug-08
VJHVARC VISHAY-VJHVARC Datasheet
189Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 23-Nov-16
VJHVARCGUARD VISHAY-VJHVARCGUARD Datasheet
184Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
01-Jan-2023
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com