Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D474X_035A2T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 595D474X_035A2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D474X_035A2T Datasheet(HTML) 5 Page - Vishay Siliconix

  595D474X_035A2T Datasheet HTML 1Page - Vishay Siliconix 595D474X_035A2T Datasheet HTML 2Page - Vishay Siliconix 595D474X_035A2T Datasheet HTML 3Page - Vishay Siliconix 595D474X_035A2T Datasheet HTML 4Page - Vishay Siliconix 595D474X_035A2T Datasheet HTML 5Page - Vishay Siliconix 595D474X_035A2T Datasheet HTML 6Page - Vishay Siliconix 595D474X_035A2T Datasheet HTML 7Page - Vishay Siliconix 595D474X_035A2T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
595D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated,
Maximum CV
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40007
82
Revision: 18-Jan-08
Note: * Preliminary values, contact factory for availability. For 10 % tolerance, specify “9”; for 20 % tolerance, change to “0”.
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
16 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
100
D
595D107X_016D2T
16.0
8
0.14
1.04
120
R
595D127X_016R2T
19.2
8
0.14
1.34
150
D
595D157X_016D2T
24.0
8
0.14
1.04
150
R
595D157X_016R2T
24.0
8
0.13
1.39
180
R
595D187X_016R2T
28.8
8
0.13
1.39
220
R
595D227X_016R2T
35.2
8
0.12
1.44
330
R
595D337X_016R2T
52.8
14
0.11
1.51
20 WVDC AT + 85 °C, SURGE = 26 V . . . 13 WVDC AT + 125 °C, SURGE = 16 V
0.68
T
595D684X_020T2T
0.5
4
10.8
0.05
1.0
T
595D105X_020T2T
0.5
4
9.0
0.06
2.2
A
595D225X_020A2T
0.5
6
3.8
0.14
3.3
A
595D335X_020A2T
0.7
6
3.8
0.14
4.7
A
595D475X_020A2T
0.9
6
3.1
0.15
4.7
B
595D475X_020B2T
0.9
6
0.95
0.29
6.8
A
595D685X_020A2T
1.4
6
3.0
0.15
6.8
B
595D685X_020B2T
1.4
6
0.95
0.29
10
B
595D106X_020B2T
2.0
6
1.0
0.28
15
B
595D156X_020B2T
3.0
6
1.0
0.28
22
B
595D226X_020B2T
4.4
6
0.90
0.31
22
C
595D226X_020C2T
4.4
6
0.38
0.54
47
C
595D476X_020C2T
9.4
6
0.35
0.56
47
D
595D476X_020D2T
9.4
6
0.19
0.89
68
D
595D686X_020D2T
12.2
6
0.19
0.89
100
D
595D107X_020D2T
20.0
8
0.18
0.91
100
R
595D107X_020R2T
20.0
8
0.14
1.34
120
R
595D127X_020R2T
24.0
8
0.14
1.34
150
R
595D157X_020R2T
30.0
8
0.14
1.34
25 WVDC AT + 85 °C, SURGE = 32 V . . . 17 WVDC AT + 125 °C, SURGE = 20 V
0.47
T
595D474X_025T2T
0.5
4
13.5
0.05
1
A
595D105X_025A2T
0.4
4
4.2
0.13
1.5
A
595D155X_025A2T
0.5
6
3.8
0.14
2.2
A
595D225X_025A2T
0.6
6
3.8
0.14
3.3
B
595D335X_025B2T
0.8
6
1.9
0.21
4.7
C
595D475X_025C2T
1.3
5
0.68
0.40
6.8
B
595D685X_025B2T
1.7
6
1.5
0.23
10
B
595D106X_025B2T
2.5
6
1.5
0.23
10
C
595D106X_025C2T
2.5
6
0.57
0.44
15
C
595D156X_025C2T
3.8
6
0.56
0.44
22
C
595D226X_025C2T
5.5
6
0.50
0.47
22
D
595D226X_025D2T
5.5
6
0.28
0.73
33
C
595D336X_025C2T
8.3
6
0.45
0.49
33
D
595D336X_025D2T
8.3
6
0.27
0.75
47
D
595D476X_025D2T
11.8
6
0.26
0.76
47
R
595D476X_025R2T
11.8
6
0.20
1.12
68
D
595D686X_025D2T
17.0
8
0.26
0.76
68
R
595D686X_025R2T
17.0
6
0.20
1.12
100
R
595D107X_025R2T
25.0
8
0.20
1.12


Similar Part No. - 595D474X_035A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D474X-035A2T VISHAY-595D474X-035A2T Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
More results

Similar Description - 595D474X_035A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com