Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

042AHH-ELB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 042AHH-ELB
Description  Aluminum Capacitors Axial High Temperature High Voltage for E.L.B.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

042AHH-ELB Datasheet(HTML) 2 Page - Vishay Siliconix

  042AHH-ELB Datasheet HTML 1Page - Vishay Siliconix 042AHH-ELB Datasheet HTML 2Page - Vishay Siliconix 042AHH-ELB Datasheet HTML 3Page - Vishay Siliconix 042AHH-ELB Datasheet HTML 4Page - Vishay Siliconix 042AHH-ELB Datasheet HTML 5Page - Vishay Siliconix 042AHH-ELB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 28331
For technical questions, contact: aluminumcaps1vishay.com
www.vishay.com
Revision: 19-Jun-08
201
042/043 AHH-ELB
Aluminum Capacitors
Axial High Temperature High Voltage for E.L.B.
Vishay BCcomponents
Table 1
Note
1. Detailed tape dimensions see section ‘PACKAGING’.
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 042 series
10 µF/450 V; - 10/+ 50 %
Nominal case size: Ø 12.5 x 30 mm; Form BR
Ordering code: MAL204272109E3
Former 12NC: 2222 042 72109
Table 2
Note
(1) Test conditions on request.
Axial; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
AXIAL: FORM AA AND BR
MASS
(G)
PACKAGING QUANTITIES
Ø DL
Ø Dmax.
Lmax.
Fmin.
FORM
AA
FORM
BR
12.5 x 30
01
0.8
55 ± 1
13.0
30.5
35
≈ 6.1
260
400
15 x 30
02
0.8
55 ± 1
15.5
30.5
35
≈ 8.3
200
250
18 x 30
03
0.8
55 ± 1
18.5
30.5
35
≈ 11.6
120
-
18 x 38
04
0.8
34 ± 1
18.5
39.5
44
≈ 16.0
125
-
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance - 10/+ 50 %
IR
rated RMS ripple current at 10 kHz, 105 °C
IL5
max. leakage current after 5 minutes at UR
ESR
typ/max. equivalent series resistance at 100 Hz
Z
typ/max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
10 kHz
105 °C
(mA)
IL5
5min
(µA)
ESR
TYP.
100 Hz
(
Ω)
ESR
MAX.
100 Hz
(
Ω)
Z
TYP.
10 kHz
(
Ω)
Z
MAX.
10 kHz
(
Ω)
ORDERING CODE MAL2..........
AXIAL
IN BOX
FORM AA
TAPED ON
REEL
FORM BR
450
6.8
12.5 x 30
390
106
4.2
8.7
3.1
5.1
04271688E3
04272688E3
10
12.5 x 30
470
110
2.9
5.9
2.0
3.3
04271109E3
04272109E3
15
15 x 30
600
115
1.9
3.9
1.3
2.3
04271159E3
04272159E3
22
18 x 30
750
120
1.2
2.5
1.0
1.5
04271229E3
-
33
18 x 38
1020
130
0.9
1.8
0.7
1.1
04371339E3
-
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
UR = 450 V
Us ≤ 550 V
Overvoltage test
24 hours at 85 °C
550 V (1)
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute
IL1 ≤ 0.009 x CR x UR + 200 µA
After 5 minutes
IL5 ≤ 0.002 x CR x UR + 100 µA
Inductance
Equivalent series inductance
Case Ø D x L in mm:
12.5 x 30
typ. 46 nH
15 x 30
typ. 48 nH
18 x 30
typ. 50 nH
18 x 38
typ. 54 nH


Similar Part No. - 042AHH-ELB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
042AMH-ELB VISHAY-042AMH-ELB Datasheet
195Kb / 6P
   Aluminum Electrolytic Capacitors Axial Miniature High Voltage for E.L.B.
042ASH VISHAY-042ASH Datasheet
225Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard, High Voltage
Revision: 19-Sep-16
042ASH VISHAY-042ASH Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard, High Voltage
01-Jan-2023
More results

Similar Description - 042AHH-ELB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
043AMH-ELB VISHAY-043AMH-ELB Datasheet
98Kb / 6P
   Aluminum Capacitors Axial Miniature High Voltage for E.L.B.
Revision: 22-Apr-08
042AMH-ELB VISHAY-042AMH-ELB Datasheet
195Kb / 6P
   Aluminum Electrolytic Capacitors Axial Miniature High Voltage for E.L.B.
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
119AHT-DIN VISHAY-119AHT-DIN Datasheet
140Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 09-May-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com