Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

793DE106X9010B2TE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 793DE106X9010B2TE3
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

793DE106X9010B2TE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  793DE106X9010B2TE3 Datasheet HTML 1Page - Vishay Siliconix 793DE106X9010B2TE3 Datasheet HTML 2Page - Vishay Siliconix 793DE106X9010B2TE3 Datasheet HTML 3Page - Vishay Siliconix 793DE106X9010B2TE3 Datasheet HTML 4Page - Vishay Siliconix 793DE106X9010B2TE3 Datasheet HTML 5Page - Vishay Siliconix 793DE106X9010B2TE3 Datasheet HTML 6Page - Vishay Siliconix 793DE106X9010B2TE3 Datasheet HTML 7Page - Vishay Siliconix 793DE106X9010B2TE3 Datasheet HTML 8Page - Vishay Siliconix 793DE106X9010B2TE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
793DX-793DE-CTC3-CTC4
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, CECC Approved
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40112
52
Revision: 14-May-08
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX. DC
LEAKAGE
at + 25 °C
(µA)
MAX. DF
at + 25 °C
(%)
MAX. ESR
at + 25 °C
100 kHz (
Ω)
IMPEDANCE
(Z)
at + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
20 VDC at + 85 °C, 13 VDC at + 125 °C
0.68
A
793DX684(1)020A(2)
0.5
4
10
13.0
0.09
0.68
A
793DE684(1)020A(2)
0.5
4
10
13.0
0.09
0.68
A
CTC3684(1)020A(2)
0.5
4
10
13.0
0.09
0.68
A
CTC4684(1)020A(2)
0.5
4
10
13.0
0.09
1.0
A
793DE105(1)020A(2)
0.5
4
8.4
11.0
0.09
2.2
B
793DX225(1)020B(2)
0.5
6
3.5
6.0
0.16
2.2
B
793DE225(1)020B(2)
0.5
6
3.5
6.0
0.16
2.2
B
CTC3225(1)020B(2)
0.5
6
3.5
6.0
0.16
2.2
B
CTC4225(1)020B(2)
0.5
6
3.5
6.0
0.16
3.3
B
793DE335(1)020B(2)
0.7
6
3.0
4.5
0.17
6.8
C
793DX685(1)020C(2)
1.4
6
1.9
2.5
0.24
6.8
C
793DE685(1)020C(2)
1.4
6
1.9
2.5
0.24
6.8
C
CTC3685(1)020C(2)
1.4
6
1.9
2.5
0.24
6.8
C
CTC4685(1)020C(2)
1.4
6
1.9
2.5
0.24
15
D
793DX156(1)020D(2)
3.0
6
0.9
1.5
0.41
15
D
793DE156(1)020D(2)
3.0
6
0.9
1.5
0.41
15
D
CTC3156(1)020D(2)
3.0
6
0.9
1.5
0.41
15
D
CTC4156(1)020D(2)
3.0
6
0.9
1.5
0.41
22
D
793DX226(1)020D(2)
4.4
6
0.7
1.2
0.46
22
D
793DE226(1)020D(2)
4.4
6
0.7
1.2
0.46
22
D
CTC3226(1)020D(2)
4.4
6
0.7
1.2
0.46
22
D
CTC4226(1)020D(2)
4.4
6
0.7
1.2
0.46
25 VDC at + 85 °C, 16 VDC at + 125 °C
0.47
A
793DX474(1)025A(2)
0.5
4
12
14.0
0.08
0.47
A
793DE474(1)025A(2)
0.5
4
12
14.0
0.08
0.47
A
CTC3474(1)025A(2)
0.5
4
12
14.0
0.08
0.47
A
CTC4474(1)025A(2)
0.5
4
12
14.0
0.08
0.68
A
793DE474(1)025A(2)
0.5
4
8.4
11.0
0.09
1.5
B
793DX155(1)025A(2)
0.5
6
4.6
7.0
0.14
1.5
B
793DX155(1)025A(2)
0.5
6
4.6
7.0
0.14
1.5
B
CTC3155(1)025A(2)
0.5
6
4.6
7.0
0.14
1.5
B
CTC4155(1)025A(2)
0.5
6
4.6
7.0
0.14
2.2
B
793DE225(1)025B(2)
0.6
6
3.8
5.0
0.15
4.7
C
793DX475(1)025C(2)
1.2
6
2.0
2.8
0.24
4.7
C
793DE475(1)025C(2)
1.2
6
2.0
2.8
0.24
4.7
C
CTC3475(1)025C(2)
1.2
6
2.0
2.8
0.24
4.7
C
CTC4475(1)025C(2)
1.2
6
2.0
2.8
0.24
10
D
793DX106(1)025D(2)
2.5
6
1.0
1.5
0.39
10
D
793DE106(1)025D(2)
2.5
6
1.0
1.5
0.39
10
D
CTC3106(1)025D(2)
2.5
6
1.0
1.5
0.39
10
D
CTC4106(1)025D(2)
2.5
6
1.0
1.5
0.39
15
D
793DX156(1)025D(2)
3.8
6
0.8
1.2
0.43
15
D
793DE156(1)025D(2)
3.8
6
0.8
1.2
0.43
15
D
CTC3156(1)025D(2)
3.8
6
0.8
1.2
0.43
15
D
CTC4156(1)025D(2)
3.8
6
0.8
1.2
0.43
Notes:
• (1) Tolerance: X0, X9
• (2) Terminations and Packaging: 2TE3, 2WE3, 8T, 8W
RATINGS AND PART NUMBER REFERENCE


Similar Part No. - 793DE106X9010B2TE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
793DX106X0010B2TE3 VISHAY-793DX106X0010B2TE3 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
793DX106X0010B2WE3 VISHAY-793DX106X0010B2WE3 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
793DX106X0010B8T VISHAY-793DX106X0010B8T Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
793DX106X0010B8W VISHAY-793DX106X0010B8W Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
More results

Similar Description - 793DE106X9010B2TE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com