Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2309CDS-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI2309CDS-T1-GE3
Description  P-Channel 60-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2309CDS-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI2309CDS-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI2309CDS-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI2309CDS-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI2309CDS-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI2309CDS-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI2309CDS-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 68980
S-82584-Rev. A, 27-Oct-08
www.vishay.com
3
Vishay Siliconix
Si2309CDS
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
2
4
6
8
0
1234
5
VGS =10thru 5 V
VGS =3 V
VGS =4 V
VDS - Drain-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
024
6
8
VGS =10 V
VGS =4.5 V
ID - Drain Current (A)
0
2
4
6
8
10
0
1234
5
VDS =45 V
ID =1.25A
VDS =30 V
VDS =15 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
01
2
3
45
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
70
140
210
280
350
0
1530
4560
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
ID =1.25A
VGS =4.5 V
VGS =10 V
TJ -Junction Temperature (°C)


Similar Part No. - SI2309CDS-T1-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI2309CDS-T1-GE3 VBSEMI-SI2309CDS-T1-GE3 Datasheet
2Mb / 10P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SI2309CDS-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com