Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

769D227X0060C2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 769D227X0060C2
Description  Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

769D227X0060C2 Datasheet(HTML) 2 Page - Vishay Siliconix

  769D227X0060C2 Datasheet HTML 1Page - Vishay Siliconix 769D227X0060C2 Datasheet HTML 2Page - Vishay Siliconix 769D227X0060C2 Datasheet HTML 3Page - Vishay Siliconix 769D227X0060C2 Datasheet HTML 4Page - Vishay Siliconix 769D227X0060C2 Datasheet HTML 5Page - Vishay Siliconix 769D227X0060C2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: eurowettant@vishay.com
Document Number: 40055
30
Revision: 03-Jul-07
769D (CECC 30202-013)
Vishay
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,
TANTALEX® Capacitors, CECC 30202-013 Approved
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX. DF
at
+ 25 °C
(%)
MAX. IMP.
at
- 55 °C
(
Ω)
MAX. DCL
(µA) at
MAX. CAPACITANCE.
CHANGE (%) at
MAX.
RMS
RIPPLE
120 Hz
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6 VDC at + 85 °C, 4 VDC at + 125 °C
30
A
769D306X0006A2
8
100
1
2
- 40
+ 12
+ 12
70
68
A
769D686X0006A2
18
59
1
2
- 40
+ 16
+ 16
80
140
B
769D147X0006B2
18
40
1
3
- 40
+ 16
+ 16
300
220
A
769D227X0006A2
40
22
2
9
- 65
+ 16
+ 16
90
270
B
769D277X0006B2
70
22
1
7
- 44
+ 20
+ 20
270
330
C
769D337X0006C2
43
25
2
8
- 44
+ 16
+ 16
500
560
C
769D567X0006C2
110
20
2
13
- 64
+ 20
+ 20
500
820
B
769D827X0006B2
68
20
3
14
- 80
+ 20
+ 20
280
1200
D
769D128X0006D2
60
20
3
12
- 80
+ 25
+ 25
800
1500
C
769D158X0006C2
82
10
5
20
- 85
+ 25
+ 25
540
2200
D
769D228X0006D2
80
15
9
30
- 80
+ 25
+ 25
800
8 VDC at + 85 °C, 5 VDC at + 125 °C
25
A
769D256X0008A2
7
100
1
2
- 40
+ 12
+ 12
70
56
A
769D566X0008A2
15
60
1
2
- 40
+ 12
+ 12
80
180
A
769D187X0008A2
36
28
2
9
- 60
+ 16
+ 16
90
220
B
769D227X0008B2
57
30
1
7
- 44
+ 20
+ 20
250
430
B
769D437X0008B2
42
25
3
14
- 80
+ 20
+ 20
270
430
C
769D437X0008C2
84
25
2
14
- 64
+ 20
+ 20
500
620
B
769D627X0008B2
53
20
3
14
- 80
+ 20
+ 20
280
680
B
769D687X0008B2
55
20
3
14
- 80
+ 20
+ 20
280
850
C
769D857X0008C2
65
20
4
16
- 80
+ 25
+ 25
500
850
D
769D857X0008D2
50
22
4
16
- 80
+ 25
+ 25
850
1200
C
769D128X0008C2
82
15
5
20
- 80
+ 25
+ 25
520
1600
D
769D168X0008D2
68
18
7
25
- 80
+ 25
+ 25
800
1800
D
769D188X0008D2
70
18
8
28
- 80
+ 25
+ 25
800
10 VDC at + 85 °C, 7 VDC at + 125 °C
20
A
769D206X0010A2
5
120
1
2
- 32
+ 12
+ 12
70
47
A
769D476X0010A2
15
90
1
2
- 36
+ 16
+ 16
80
100
A
769D107X0010A2
13
60
1
4
- 36
+ 16
+ 16
80
120
A
769D127X0010A2
32
50
2
9
- 50
+ 16
+ 16
80
140
A
769D147X0010A2
32
46
2
9
- 50
+ 16
+ 16
90
150
A
769D157X0010A2
32
40
2
9
- 50
+ 16
+ 16
90
180
B
769D187X0010B2
46
40
1
7
- 36
+ 16
+ 16
250
250
C
769D257X0010C2
32
35
2
10
- 40
+ 16
+ 16
500
390
C
769D397X0010C2
75
25
2
16
- 64
+ 20
+ 20
500
470
B
769D477X0010B2
35
21
3
16
- 70
+ 20
+ 20
280
510
B
769D517X0010B2
45
21
3
16
- 70
+ 20
+ 20
280
560
B
769D567X0010B2
50
21
3
16
- 70
+ 20
+ 20
280
750
D
769D757X0010D2
44
22
4
16
- 80
+ 25
+ 25
850
1000
C
769D108X0010C2
67
12
5
20
- 75
+ 25
+ 25
540
1300
D
769D138X0010D2
63
18
7
25
- 75
+ 25
+ 25
800
1500
D
769D158X0010D2
66
17
8
28
- 75
+ 25
+ 25
800


Similar Part No. - 769D227X0060C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X0006A0 VISHAY-769D306X0006A0 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X0006A2 VISHAY-769D306X0006A2 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X5006A0 VISHAY-769D306X5006A0 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X5006A2 VISHAY-769D306X5006A2 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
More results

Similar Description - 769D227X0060C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com