Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

769D147X0060C2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 769D147X0060C2
Description  Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

769D147X0060C2 Datasheet(HTML) 1 Page - Vishay Siliconix

  769D147X0060C2 Datasheet HTML 1Page - Vishay Siliconix 769D147X0060C2 Datasheet HTML 2Page - Vishay Siliconix 769D147X0060C2 Datasheet HTML 3Page - Vishay Siliconix 769D147X0060C2 Datasheet HTML 4Page - Vishay Siliconix 769D147X0060C2 Datasheet HTML 5Page - Vishay Siliconix 769D147X0060C2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
769D (CECC 30202-013)
Vishay
Document Number: 40055
For technical questions, contact: eurowettant@vishay.com
www.vishay.com
Revision: 03-Jul-07
29
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,
TANTALEX® Capacitors, CECC 30202-013 Approved
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 125 °C
Capacitance Tolerance: ± 20 % is standard; ± 10 % and
± 5 % available as specials.
Capacitance Range: 3.6 µF to 2200 µF
Life Test: Capacitors are capable of withstanding a 2000 h
life test at a temperature of + 85 °C or + 125 °C at the
applicable rated DC working voltage.
FEATURES
• Terminations:
standard
tin/lead
(SnPb),
100 % Tin (RoHS compliant) available
• For 125 °C operation
• Very high CV per unit volume
• Long shelf life in excess of ten years
• Extremely low leakage current
• Epoxy end-filled for better shock and vibration
performance
APPROVALS
• CECC 30202-013 (6-125 V)
APPLICATIONS
Designed
for
industrial
and
telecommunications
applications, offers higher microfarad value per unit volume
than any other type. The epoxy resin end-fill construction
also offers improved mechanical strength, outstanding
resistance
to
temperature
cycling,
and
trouble-free
application when flow-soldering capacitors to printed circuit
board.
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
ORDERING INFORMATION
769D
306
X0
006
A
2
E3
MODEL
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85
°C
CASE CODE
STYLE NUMBER
RoHS COMPLIANT
This is expressed in
picofarads. The first
two digits are the
significant figures.
The third is the
number of zeros to
follow
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
Special Order
This is expressed in
volts. To complete the
three-digit block, zeros
precede the voltage
rating
See Ratings
and Case
Codes Table
0 = Bare case.
2 = Outer plasitc-film
insulation
E3 = tin termination
(RoHS compliant
design)
Blank = SnPb
termination (standard
design)
Note
Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not recommended due to
the unit weight.
DIMENSIONS in inches [millimeters]
CASE CODE
WITH OUTER PLASTIC -FILM INSULATION
L1 + 031 - 0.078
[+ 0.8 - 2.0]
D ± 0.015
[± 0.4]
L2
Ø d
+ 10 %
± 0.002
A
0.535 [13.6]
0.192 [4.9]
0.984 [25]
0.023 [0.6]
B
0.724 [18.4]
0.283 [7.2]
0.984 [25]
0.023 [0.6]
C
0.846 [21.5]
0.377 [9.6]
0.984 [25]
0.023 [0.6]
D
1.129 [28.7]
0.377 [9.6]
0.984 [25]
0.023 [0.6]
+
EPOXY RESIN
D
L1
L2
L2
Ø d


Similar Part No. - 769D147X0060C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X0006A0 VISHAY-769D306X0006A0 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X0006A2 VISHAY-769D306X0006A2 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X5006A0 VISHAY-769D306X5006A0 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X5006A2 VISHAY-769D306X5006A2 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
More results

Similar Description - 769D147X0060C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com