Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

597D687X06R3E2T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 597D687X06R3E2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

597D687X06R3E2T Datasheet(HTML) 1 Page - Vishay Siliconix

  597D687X06R3E2T Datasheet HTML 1Page - Vishay Siliconix 597D687X06R3E2T Datasheet HTML 2Page - Vishay Siliconix 597D687X06R3E2T Datasheet HTML 3Page - Vishay Siliconix 597D687X06R3E2T Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Solid Tantalum Chip Capacitors TANTAMOUNT®,
Ultra-Low ESR, Conformal Coated, Maximum CV
597D
Vishay Sprague
Document Number: 40047
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 01-Aug-08
107
FEATURES
• New case size offerings
• Case profiles: E case (4 mm) and R case
(3.6 mm)
• Low profile case: V case (2 mm)
• Terminations: Tin (2) standard
• Extremely low ESR
• Ripple current up to 4.1 A
Capacitance Range: 15 µF to 1500 µF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 WVDC to 63 WVDC
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(To + 125 °C with voltage derating)
Note: Refer to doc. 40088
ORDERING INFORMATION
597D
687
X0
6R3
E
2
T
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE CODE
TERMINATION
REEL SIZE AND
PACKAGING
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to
follow.
X0 = ± 20 %
X9 = ± 10 %
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V).
See Ratings
and Case
Codes Table
2 = 100 % Tin
8 = Solder
Plated (60/40)
Special Order
T =Tape and Reel
7" [500] Reel
W = 13" [N/A] Reel
Note: Preferred Tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size
Voltage substitutions will be marked with the higher voltage rating
DIMENSIONS in inches [millimeters]
CASE CODE
L (MAX.)
W
H
A
B
D (REF.)
J (MAX.)
E
0.287 ± 0.012
[7.3 ± 0.3]
0.173 ± 0.016
[4.4 ± 0.4]
0.157 ± 0.016
[4.0 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.253
[6.4]
0.004
[0.1]
F
0.287 ± 0.012
[7.3 ± 0.3]
0.238 ± 0.016
[6.0 ± 0.4]
0.187 ± 0.016
[4.7 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
R
0.287 ± 0.012
[7.3 ± 0.3]
0.238 + 0.016/- 0.024
[6.0 + 0.4/- 0.6]
0.142 ± 0.016
[3.6 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
V
0.287 ± 0.012
[7.3 ± 0.3]
0.173 ± 0.016
[4.4 ± 0.4]
0.079
[2.0] Max.
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.253
[6.4]
0.004
[0.1]
Z
0.287 ± 0.012
[7.3 ± 0.3]
0.238 ± 0.016
[6.0 ± 0.4]
0.238 ± 0.016
[6.0 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.025
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
Note: The anode termination (D less B) will be a minimum of 0.012" [0.3 mm]
* Pb containing terminations are not RoHS compliant, exemptions may apply
J
H
B
A
D
L
Tantalum wire
Nib identifies
Anode (+)
Terminal
W
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - 597D687X06R3E2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
597D687X06R3E2T VISHAY-597D687X06R3E2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
597D687X06R3E2T VISHAY-597D687X06R3E2T Datasheet
102Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
More results

Similar Description - 597D687X06R3E2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
597D108X96R3R2T VISHAY-597D108X96R3R2T Datasheet
93Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 09-Apr-13
597D477X0010E2T VISHAY-597D477X0010E2T Datasheet
102Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com